Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ22CA Datasheet(PDF) 5 Page - Littelfuse

Part # SMBJ22CA
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ22CA Datasheet(HTML) 5 Page - Littelfuse

  SMBJ22CA Datasheet HTML 1Page - Littelfuse SMBJ22CA Datasheet HTML 2Page - Littelfuse SMBJ22CA Datasheet HTML 3Page - Littelfuse SMBJ22CA Datasheet HTML 4Page - Littelfuse SMBJ22CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicon Avalanche Diodes
271
www .littelfuse .com
6
Part
Number
Uni-Polar
Device
Code
Uni-Polar
Part
Number
Bi-Polar
Device
Code
Bi-Polar
‘C’ or ‘CA’
Version
Reverse
Stand Off
Voltage
VR
(Volts)
Breakdown
Voltage
VBR (Volts) @
IT
MIN
MAX
(mA)
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
SMBJ58A
SMBJ60
SMBJ60A
SMBJ64
SMBJ64A
SMBJ70
SMBJ70A
SMBJ75
SMBJ75A
SMBJ78
SMBJ78A
SMBJ85
SMBJ85A
SMBJ90
SMBJ90A
SMBJ100
SMBJ100A
SMBJ110
SMBJ110A
SMBJ120
SMBJ120A
SMBJ130
SMBJ130A
SMBJ150*
SMBJ150A*
SMBJ160
SMBJ160A
SMBJ170
SMBJ170A
SMBJ188A
NG
NH
NK
NL
NM
NN
NP
NQ
NR
NS
NT
NU
NV
NW
NX
NY
NZ
PD
PE
PF
PG
PH
PK
PL
PM
PN
PP
PQ
PR
PS
SMBJ58CA
SMBJ60C
SMBJ60CA
SMBJ64C
SMBJ64CA
SMBJ70C
SMBJ70CA
SMBJ75C
SMBJ75CA
SMBJ78C
SMBJ78CA
SMBJ85C
SMBJ85CA
SMBJ90C
SMBJ90CA
SMBJ100C
SMBJ100CA
SMBJ110C
SMBJ110CA
SMBJ120C
SMBJ120CA
SMBJ130C
SMBJ130CA
SMBJ150C
SMBJ150CA
SMBJ160C
SMBJ160CA
SMBJ170C*
SMBJ170CA
SMBJ188CA
DG
DH
DK
DL
DM
DN
DP
DQ
DR
DS
DT
DU
DV
DW
DX
DY
DZ
ED
EE
EF
EG
EH
EK
EL
EM
EN
EP
EQ
ER
ES
58.0
60.0
60.0
64.0
64.0
70.0
70.0
75.0
75.0
78.0
78.0
85.0
85.0
90.0
90.0
100.0
100.0
110.0
110.0
120.0
120.0
130.0
130.0
150.0
150.0
160.0
160.0
170.0
170.0
188.0
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
94.40
94.40
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
167.00
167.00
178.00
178.00
189.00
189.00
209.00
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
93.6
107.0
96.8
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
268.0
243.0
287.0
259.0
304.0
275.0
328.0
6.4
5.6
6.2
5.3
5.8
4.8
5.3
4.5
4.9
4.3
4.7
3.9
4.4
3.8
4.1
3.4
3.7
3.0
3.4
2.8
3.1
2.6
2.9
2.2
2.5
2.1
2.3
2.0
2.2
2.0
SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
Note: Non ‘A’ devices have higher clamping voltage. Add suffix ‘C’ to denote bi-polar devices. VBR max not quoted.
1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2. For Uni-directional devices VF = 3.5 Volts max at IF = 50A, 300 µS square wave pulse.
* Preferred voltages.
600W Surface Mount Transient Voltage Supressors
®


Similar Part No. - SMBJ22CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ22CA BYTES-SMBJ22CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ22CA UMW-SMBJ22CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
Socay Electornics Co., ...
SMBJ22CA SOCAY-SMBJ22CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SeCoS Halbleitertechnol...
SMBJ22CA SECOS-SMBJ22CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
logo
HuaXinAn Electronics CO...
SMBJ22CA HUAXINAN-SMBJ22CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ22CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com