Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V07E440P Datasheet(PDF) 6 Page - Littelfuse

Part # V07E440P
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E440P Datasheet(HTML) 6 Page - Littelfuse

Back Button V07E440P Datasheet HTML 2Page - Littelfuse V07E440P Datasheet HTML 3Page - Littelfuse V07E440P Datasheet HTML 4Page - Littelfuse V07E440P Datasheet HTML 5Page - Littelfuse V07E440P Datasheet HTML 6Page - Littelfuse V07E440P Datasheet HTML 7Page - Littelfuse V07E440P Datasheet HTML 8Page - Littelfuse V07E440P Datasheet HTML 9Page - Littelfuse V07E440P Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
41
www .littelfuse .com
2
Varistor Products
UltraMOVVaristor Series
High Surge Current, Radial Lead
Transient V-I Characteristic Curves (Continued)
FIGURE 5.
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 14MM
TA = -55
oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460
440
385
230
250
275
300
320
175
150
140
130
420
550
510
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 20MM
TA = -55
oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460
440
385
230
250
275
300
320
175
150
140
130
420
550
510
FIGURE 6. Clamping Voltage V20E130(P) - V20E625(P)
FIGURE 5. Clamping Voltage V14E130(P) - V14E625(P)
Pb
RoHS


Similar Part No. - V07E440P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E440P LITTELFUSE-V07E440P Datasheet
784Kb / 11P
   Radial Lead Varistors
V07E440P LITTELFUSE-V07E440P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E440P LITTELFUSE-V07E440P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E440P LITTELFUSE-V07E440P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V07E440P LITTELFUSE-V07E440P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V07E440P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com