Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1946 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1946
Description  Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1946 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1946 Datasheet HTML 2Page - Maxim Integrated Products MAX1946 Datasheet HTML 3Page - Maxim Integrated Products MAX1946 Datasheet HTML 4Page - Maxim Integrated Products MAX1946 Datasheet HTML 5Page - Maxim Integrated Products MAX1946 Datasheet HTML 6Page - Maxim Integrated Products MAX1946 Datasheet HTML 7Page - Maxim Integrated Products MAX1946 Datasheet HTML 8Page - Maxim Integrated Products MAX1946 Datasheet HTML 9Page - Maxim Integrated Products MAX1946 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Single USB Switch with Autoreset and
Fault Blanking in Tiny QFN
6
_______________________________________________________________________________________
OVERLOAD RESPONSE INTO 2.5
MAX1946 toc13
10ms/div
A
D
B
C
0
0
0
0
A: VOUT, 5V/div
B: VFAULT, 5V/div
C: IIN, 1A/div
D: IOUT, 1A/div
Typical Operating Characteristics (continued)
(Circuit of Figure 2, VIN = 5V, CIN = 0.1µF, COUT = 1µF, ON = SEL, TA = +25°C, unless otherwise noted.)
OVERLOAD RESPONSE INTO 2.5
(EXPANDED TIME SCALE)
MAX1946 toc14
400
µs/div
A
D
B
C
0
0
0
0
A: VOUT, 5V/div
B: VFAULT, 5V/div
C: IIN, 1A/div
D: IOUT, 1A/div
SHORT-CIRCUIT RESPONSE INTO 0
MAX1946 toc15
10ms/div
A
D
B
C
0
0
0
0
A: VOUT, 5V/div
B: VFAULT, 5V/div
C: IIN, 1A/div
D: IOUT, 1A/div
SHORT-CIRCUIT RESPONSE INTO 0
(EXPANDED TIME SCALE)
MAX1946 toc16
400
µs/div
A
D
B
C
0
0
0
0
CURRENT TRANSIENT FROM
SHORTING OUTPUT CAPACITANCE
A: VOUT, 5V/div
B: VFAULT, 5V/div
C: IIN, 2A/div
D: IOUT, 10A/div


Similar Part No. - MAX1946

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1946 MAXIM-MAX1946 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946ETA++ MAXIM-MAX1946ETA+ Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results

Similar Description - MAX1946

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com