Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11257-812 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 11257-812
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11257-812 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  11257-812 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 7Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 8Page - List of Unclassifed Manufacturers 11257-812 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
XT
April 1999
Intel and Pentium are registered trademarks of Intel Corporation. I
2C is a licensed trademark of Philips Electronics, N.V. American Microsystems, Inc. reserves the right to change the detail specifica-
tions as may be required to permit improvements in the design of its products.
4.5.99
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
1.0
Features
Generates up to eighteen low-skew, non-inverting
clocks from one clock input
Supports up to four SDRAM DIMMs
Uses either I
2C-bus or SMBus serial interface with
Read and Write capability for individual clock output
control
Output enable pin tristates all clock outputs to facili-
tate board testing
Clock outputs skew-matched to less than 250ps
Less than 5ns propagation delay
Output impedance: 17
Ω at 0.5V
DD
Serial interface I/O meet I
2C specifications; all other
I/O are LVTTL/LVCMOS-compatible
Five differerent pin configurations available:
FS6050: 18 clock outputs in a 48-pin SSOP
FS6051: 10 clock outputs in a 28-pin SOIC, SSOP
FS6053: 13 clock outputs in a 28-pin SOIC
FS6054: 14 clock outputs in a 28-pin SOIC
Figure 1: Block Diagram (FS6050)
Serial
Interface
SDRAM_(0:1)
SCL
SDA
CLK_IN
OE
FS6050
SDRAM_(2:3)
SDRAM_(4:5)
SDRAM_(6:7)
SDRAM_(8:9)
SDRAM_(10:11)
SDRAM_(12:13)
SDRAM_(14:15)
SDRAM_16
VSS_I2C
VDD_I2C
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
SDRAM_17
VSS
VDD
18
2.0
Description
The FS6050 family of CMOS clock fanout buffer ICs are
designed for high-speed motherboard applications, such
as Intel Pentium
® II PC100-based systems with 100MHz
SDRAM.
Up to eighteen buffered, non-inverting clock outputs are
fanned-out from one clock input. Individual clocks are
skew matched to less than 250ps at 100MHz. Multiple
power and ground supplies reduce the effects of supply
noise on device performance.
Under I
2C-bus control, individual clock outputs may be
turned on or off. An active-low output enable is available
to force all the clock outputs to a tristate level for system
testing.
Figure 2: Pin Configuration (FS6050)
FS6050
48-pin SSOP
Figure 3: Pin Configuration (FS6051)
FS6051
28-pin SOIC, SSOP
Additional pin configurations are noted on Page 2.


Similar Part No. - 11257-812

ManufacturerPart #DatasheetDescription
logo
Lapp.
1125752 LAPP-1125752 Datasheet
174Kb / 1P
   OLFLEX® CLASSIC 110 SY
08.03.2023
More results

Similar Description - 11257-812

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
logo
ON Semiconductor
NB3N551 ONSEMI-NB3N551_12 Datasheet
134Kb / 7P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
July, 2012 ??Rev. 4
SB3N551 ONSEMI-SB3N551 Datasheet
81Kb / 6P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
January, 2015 ??Rev. 0
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
   LOW SKEW 1-TO-16 FANOUT BUFFER
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
   Low Skew 1-to-16 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com