Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ250CA Datasheet(PDF) 2 Page - Littelfuse

Part # SMCJ250CA
Description  Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCJ250CA Datasheet(HTML) 2 Page - Littelfuse

  SMCJ250CA Datasheet HTML 1Page - Littelfuse SMCJ250CA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transient Voltage Suppression Diodes
Revision: November 13, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount – 1500W > SMCJ series
SMCJ Series
Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage
V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
5.0
6.40
7.00
10
X
6.0
6.67
10
145.7
X
6.5
7.22
10
11.2
500
X
7.0
10
12.0
125.0
200
X
7.5
1
100
X
1
50
X
10.40
1
14.4
104.2
20
X
10.00
11.10
1
15.4
10
X
10.0
11.10
117.0
5X
11.0
12.20
1
1X
12.0
14.70
1
75.4
1
X
14.40
121.5
1X
14.0
15.60
17.20
1
64.7
1
X
15.0
16.70
1
24.4
61.5
1
X
16.0
1
26.0
57.7
1
X
17.0
1
27.6
54.4
1
X
20.00
22.10
1
51.4
1
X
20.0
22.20
24.50
1
1X
22.0
24.40
1
1X
24.0
26.70
1
1X
26.0
1
42.1
1X
1
45.4
1X
1
1X
40.60
1
1X
40.00
44.20
1
1X
40.0
44.40
1
64.5
1X
1
21.7
1
X
45.0
50.00
1
72.7
20.6
1
X
177.4
1X
51.0
56.70
62.70
1
1X
54.0
60.00
1
1X
64.40
71.20
1
16.1
1
X
60.0
66.70
1
15.5
1
X
64.0
71.10
1
14.6
1
X
70.0
1
1X
75.0
1
121.0
12.4
1
X
1
126.0
1X
104.00
1
11.0
1
X
100.00
111.00
1
146.0
1X
100.0
111.00
1
162.0
1X
110.0
122.00
1
177.0
1X
120.0
147.00
1
1X
144.00
1
7.2
1
X
150.0
167.00
1
6.2
1
X
160.0
1
1X
170.0
1
275.0
5.5
1
X
201.00
222.00
1
5.1
1
X
200.0
224.00
247.00
1
4.6
1
X
220.0
246.00
272.00
1
4.2
1
X
250.0
1
405.0
1X
1
1X
1
567.0
2.6
1
X
400.0
447.00
1
1X
440.0
1
2.1
1
X
of 10 volts and less, the I limit is double.
is ± 10% and V
C


Similar Part No. - SMCJ250CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMCJ250CA WEITRON-SMCJ250CA Datasheet
190Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
StarHope
SMCJ250CA SPSEMI-SMCJ250CA Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
SHIKUES Electronics
SMCJ250CA SKTECHNOLGY-SMCJ250CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
MDE Semiconductor, Inc.
SMCJ250CA MDE-SMCJ250CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ250CA MCC-SMCJ250CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results

Similar Description - SMCJ250CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com