Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3217E Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3217E
Description  Single Chip TV Chroma/Luminance Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3217E Datasheet(HTML) 7 Page - Intersil Corporation

  CA3217E Datasheet HTML 1Page - Intersil Corporation CA3217E Datasheet HTML 2Page - Intersil Corporation CA3217E Datasheet HTML 3Page - Intersil Corporation CA3217E Datasheet HTML 4Page - Intersil Corporation CA3217E Datasheet HTML 5Page - Intersil Corporation CA3217E Datasheet HTML 6Page - Intersil Corporation CA3217E Datasheet HTML 7Page - Intersil Corporation CA3217E Datasheet HTML 8Page - Intersil Corporation CA3217E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7-71
CA3217
Test Circuit
FIGURE 1. TEST CIRCUIT FOR CA3217E
Typical Performance Curves
FIGURE 2. TYPICAL P21 BLACK LEVEL VERSUS
BRIGHTNESS CONTROL
FIGURE 3. TYPICAL P21 LUMINANCE OUTPUT vs CONTRAST
CONTROL
BRIGHTNESS CONTROL (V)
TA = +25
oC, LUMA INPUT = 0.5V
P-P (30% SYNC)
CONTRAST = 6.3V, SATURATION = 6.3V
PIN 28 = 11.8V
02468
10
2
4
6
8
10
12
14
CONTRAST CONTROL (V)
TA = +25
oC, LUMA INPUT = 0.5V
P-P (30% SYNC)
BRIGHTNESS = 4V, SATURATION = 6.3V
PIN 28 = 11.8V
02
46
8
12
0.5
1.5
2.5
3.5
4.5
5.5
10
14


Similar Part No. - CA3217E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3217E ETC2-CA3217E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA3217E

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Intersil Corporation
CA3194 INTERSIL-CA3194 Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
CA3126 INTERSIL-CA3126 Datasheet
112Kb / 9P
   TV Chroma Processor
May 1999
logo
Harris Corporation
CA3126 HARRIS-CA3126 Datasheet
117Kb / 9P
   TV Chroma Processor
logo
NTE Electronics
NTE1589 NTE-NTE1589 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Luminance Chroma System
NTE1177 NTE-NTE1177 Datasheet
25Kb / 2P
   Integrated Circuit TV Luminance Processor
NTE985 NTE-NTE985 Datasheet
87Kb / 3P
   Integrated Circuit TV Luminance Processor
NTE818 NTE-NTE818 Datasheet
22Kb / 2P
   Integrated Circuit TV Luminance Processor
NTE986 NTE-NTE986 Datasheet
86Kb / 3P
   Integrated Circuit−Linear Single Chip TV Chroma Processor/Demodulator
NTE797 NTE-NTE797 Datasheet
78Kb / 3P
   Integrated Circuit TV Chroma Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com