Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10E320 Datasheet(PDF) 3 Page - Littelfuse

Part # V10E320
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E320 Datasheet(HTML) 3 Page - Littelfuse

  V10E320 Datasheet HTML 1Page - Littelfuse V10E320 Datasheet HTML 2Page - Littelfuse V10E320 Datasheet HTML 3Page - Littelfuse V10E320 Datasheet HTML 4Page - Littelfuse V10E320 Datasheet HTML 5Page - Littelfuse V10E320 Datasheet HTML 6Page - Littelfuse V10E320 Datasheet HTML 7Page - Littelfuse V10E320 Datasheet HTML 8Page - Littelfuse V10E320 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
38
www .littelfuse .com
Varistor Products
High Surge Current, Radial Lead
UltraMOVVaristor Series
Device Ratings and Specifications (Continued)
V07E250
7V250
250
320
25
351
429
650
10
90
V10E250
10V250
250
320
50
351
429
650
25
220
V14E250
14V250
250
320
100
351
429
650
50
500
V20E250
20V250
250
320
170
351
429
650
100
1000
V07E275
7V275
275
350
28
387
473
710
10
80
V10E275
10V275
275
350
55
387
473
710
25
200
V14E275
14V275
275
350
110
387
473
710
50
450
V20E275
20V275
275
350
190
387
473
710
100
900
V07E300
7V300
300
385
30
423
517
775
10
70
V10E300
10V300
300
385
60
423
517
775
25
180
V14E300
14V300
300
385
125
423
517
775
50
400
V20E300
20V300
300
385
250
423
517
775
100
800
V07E320
7V320
320
420
32
459
561
840
10
65
V10E320
10V320
320
420
67
459
561
840
25
170
V14E320
14V320
320
420
136
459
561
840
50
380
V20E320
20V320
320
420
273
459
561
840
100
750
V07E385
7V385
385
505
36
558
682
1025
10
60
V10E385
10V385
385
505
75
558
682
1025
25
160
V14E385
14V385
385
505
150
558
682
1025
50
360
V20E385
20V385
385
505
300
558
682
1025
100
700
V07E420
7V420
420
560
40
612
748
1120
10
55
V10E420
10V420
420
560
80
612
748
1120
25
140
V14E420
14V420
420
560
160
612
748
1120
50
300
V20E420
20V420
420
560
320
612
748
1120
100
600
V07E440
7V440
440
585
44
643
787
1180
10
50
V10E440
10V440
440
585
85
643
787
1180
25
130
V14E440
14V440
440
585
170
643
787
1180
50
260
V20E440
20V440
440
585
340
643
787
1180
100
500
V07E460
7V460
460
615
48
675
825
1240
10
45
V10E460
10V460
460
615
90
675
825
1240
25
120
V14E460
14V460
460
615
180
675
825
1240
50
220
V20E460
20V460
460
615
360
675
825
1240
100
400
V10E510
10V510
510
670
80
738
902
1355
25
110
V14E510
14V510
510
670
165
738
902
1355
50
200
V20E510
20V510
510
670
325
738
902
1355
100
350
BRANDING
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR
VOLTAGE AT 1mA
DC TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE 8 x 20
µs
TYPICAL
CAPACI-
TANCE
RMS
VOLTS
DC
VOLTS
ENERGY
2ms
PEAK CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
VNOM
MIN
VNOM
MAX
VC
IPK
f = 1MHz
(V)
(V)
(J)
ITM
1 x PULSE
(A)
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
3500
6000
10000
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
2500
4500
6500
ITM
2 x PULSE
(A)
(V)
(V)
(A)
(pF)
V07E250P
P7V250
V10E250P
P10V250
V14E250P
P14V250
V20E250P
P20V250
V07E275P
P7V275
V10E275P
P10V275
V14E275P
P14V275
V20E275P
P20V275
V07E300P
P7V300
V10E300P
P10V300
V14E300P
P14V300
V20E300P
P20V300
V07E320P
P7V320
V10E320P
P10V320
V14E320P
P14V320
V20E320P
P20V320
V07E385P
P7V385
V10E385P
P10V385
V14E385P
P14V385
V20E385P
P20V385
V07E420P
P7V420
V10E420P
P10V420
V14E420P
P14V420
V20E420P
P20V420
V07E440P
P7V440
V10E440P
P10V440
V14E440P
P14V440
V20E440P
P20V440
V07E460P
P7V460
V10E460P
P10V460
V14E460P
P14V460
V20E460P
P20V460
V10E510P
P10V510
V14E510P
P14V510
V20E510P
P20V510
BRANDING
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
PART
NUMBER
PART
NUMBER
Pb
RoHS


Similar Part No. - V10E320

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E320P LITTELFUSE-V10E320P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E320P LITTELFUSE-V10E320P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V10E320P LITTELFUSE-V10E320P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E320P LITTELFUSE-V10E320P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V10E320P LITTELFUSE-V10E320P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V10E320

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com