Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V120ZA6 Datasheet(PDF) 11 Page - Littelfuse

Part # V120ZA6
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V120ZA6 Datasheet(HTML) 11 Page - Littelfuse

Back Button V120ZA6 Datasheet HTML 6Page - Littelfuse V120ZA6 Datasheet HTML 7Page - Littelfuse V120ZA6 Datasheet HTML 8Page - Littelfuse V120ZA6 Datasheet HTML 9Page - Littelfuse V120ZA6 Datasheet HTML 10Page - Littelfuse V120ZA6 Datasheet HTML 11Page - Littelfuse V120ZA6 Datasheet HTML 12Page - Littelfuse V120ZA6 Datasheet HTML 13Page - Littelfuse V120ZA6 Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
77
www .littelfuse .com
2
Varistor Products
ZA Varistor Series
Low to Medum Voltage, Radial Lead
Tape and Reel Specifications
Crimped Leads "LT"
Crimped Leads "LT"
Straight Leads "LS"
Straight Leads "LS"
Under-crimped Leads "LU"
P1
P0
E
DP
DH
DH
W1
W
F
t
W2
W0
P
DP
C
∆b
H0
∆D0
H1
SEATING
PLANE
P2
P1
P1
W0
E
DP
DH
DH
W1
W
F
t
W2
P
DP
C
∆b
H0
∆D0
H1
SEATING
PLANE
P2
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
∆b
H
∆D0
H1
P1
P2
W0
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
W0
P
DP
∆b
H
∆D0
H1
U
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
W0
P
DP
∆b
Ho
∆D0
H1
Under-crimped Leads "LU"
P0
U
DH
E
DH
DP
W1
W
F
t
W2
P
DP
∆b
Ho
∆D0
H1
P2
W0
P1
5 and 7mm Devices
10, 14 and 20mm Devices
Pb
RoHS


Similar Part No. - V120ZA6

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
V120ZA6 HARRIS-V120ZA6 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Littelfuse
V120ZA6P LITTELFUSE-V120ZA6P Datasheet
825Kb / 13P
   Radial Lead Varistors
V120ZA6P LITTELFUSE-V120ZA6P Datasheet
1Mb / 14P
   ZA Varistor Series
V120ZA6P LITTELFUSE-V120ZA6P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V120ZA6P LITTELFUSE-V120ZA6P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V120ZA6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com