Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NDS9945-NL Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part No. NDS9945-NL
Description  Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NDS9945-NL Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  NDS9945-NL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd NDS9945-NL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Foot
10- 3
10- 2
110
10- 1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
NDS9945-NL
6


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn