Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1114I Datasheet(PDF) 4 Page - Intersil Corporation

Part # H1114I
Description  850MHz Video Cable Driving Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H1114I Datasheet(HTML) 4 Page - Intersil Corporation

  H1114I Datasheet HTML 1Page - Intersil Corporation H1114I Datasheet HTML 2Page - Intersil Corporation H1114I Datasheet HTML 3Page - Intersil Corporation H1114I Datasheet HTML 4Page - Intersil Corporation H1114I Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Application Information
Closed Loop Gain Selection
The HFA1114 features a novel design which allows the user
to select from three closed loop gains, without any external
components. The result is a more flexible product, fewer part
types in inventory, and more efficient use of board space.
This “buffer” operates in closed loop gains of -1, +1, or +2, and
gain selection is accomplished via connections to the
±inputs.
Applying the input signal to +IN and floating -IN selects a gain
of +1, while grounding -IN selects a gain of +2. A gain of -1 is
obtained by applying the input signal to -IN with +IN grounded.
The table below summarizes these connections:
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The
use of low inductance components such as chip resis-
tors and chip capacitors is strongly recommended,
while a solid ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
µF) tantalum in parallel with a small value
(0.1
µF) chip capacitor works well in most cases.
Terminated microstrip signal lines are recommended at the input
and output of the device. Capacitance directly on the output must
be minimized, or isolated as discussed in the next section.
For unity gain applications, care must also be taken to minimize
the capacitance to ground seen by the amplifier’s inverting
input. At higher frequencies this capacitance will tend to short
the -INPUT to GND, resulting in a closed loop gain which
increases with frequency. This will cause excessive high
frequency peaking and potentially other problems as well.
An example of a good high frequency layout is the Evaluation
Board shown in Figure 2.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s phase
margin resulting in frequency response peaking and possible oscil-
lations. In most cases, the oscillation can be avoided by placing a
resistor (RS) in series with the output prior to the capacitance.
Figure 1 details starting points for the selection of this resis-
tor. The points on the curve indicate the RS and CL combina-
tions for the optimum bandwidth, stability, and settling time,
but experimental fine tuning is recommended. Picking a
point above or to the right of the curve yields an overdamped
response, while points below or left of the curve indicate
areas of underdamped performance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier band-
width of 850MHz. By decreasing RS as CLincreases (as
illustrated in the curves), the maximum bandwidth is
obtained without sacrificing stability. Even so, bandwidth
does decrease as you move to the right along the curve.
For example, at AV = +1, RS = 50Ω , CL = 30pF, the over-
all bandwidth is limited to 300MHz, and bandwidth drops
to 100MHz at AV = +1, RS = 5Ω , CL = 340pF.
Evaluation Board
The performance of the HFA1114 may be evaluated using
the HFA11XX Evaluation Board, slightly modified as follows:
2. Remove the 500
Ω feedback resistor (R2), and leave the
connection open.
3. a. For AV = +1 evaluation, remove the 500Ω gain setting
resistor (R1), and leave pin 2 floating.
b. For AV = +2, replace the 500Ω gain setting resistor with
a 0
Ω resistor to GND.
4. Isolate Pin 5 from the stray board capacitance to minimize
peaking and overshoot.
The layout and modified schematic of the board are shown in
Figure 2.
To order evaluation boards (part number HFA11XXEVAL),
please contact your local sales office.
Note: The SOIC version may be evaluated in the DIP board by
using a SOIC-to-DIP adapter such as Aries Electronics Part
Number 08-350000-10.
GAIN
(ACL)
CONNECTIONS
+INPUT (PIN 3)
-INPUT (PIN 2)
-1
GND
Input
+1
Input
NC (Floating)
+2
Input
GND
LOAD CAPACITANCE (pF)
50
45
40
35
30
25
20
15
10
5
0
0
40
80
120
160
200
240
280
320
360
400
AV = +1
AV = +2
FIGURE 1. RECOMMENDED SERIES OUTPUT RESISTOR vs
LOAD CAPACITANCE
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
R1
-5V
0.1
µF
10
µF
50
IN
OUT
VL
(A
V = +1)
or 0
Ω (AV = +2)
VH
+IN
VL
V+
GND
1
V-
OUT
TOP LAYOUT
BOTTOM LAYOUT
X
FIGURE 2. EVALUATION BOARD SCHEMATIC AND LAYOUT
HFA1114


Similar Part No. - H1114I

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1114 PULSE-H1114 Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1114NL PULSE-H1114NL Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1114NL PULSE-H1114NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1114NL PULSE-H1114NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
More results

Similar Description - H1114I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1114 INTERSIL-HFA1114 Datasheet
42Kb / 5P
   850MHz Video Cable Driving Buffer
November 1996
logo
Renesas Technology Corp
HFA1114 RENESAS-HFA1114 Datasheet
350Kb / 5P
   850MHz Video Cable Driving Buffer
September 2004
logo
Intersil Corporation
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Rohm
BU9797FUV-M ROHM-BU9797FUV-M Datasheet
803Kb / 28P
   Integrated Buffer AMP for LCD Driving
BU9797FUV ROHM-BU9797FUV Datasheet
662Kb / 28P
   Integrated Buffer AMP for LCD Driving
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com