Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP5063DY Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP5063DY
Description  Power Control IC Single Chip Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5063DY Datasheet(HTML) 2 Page - Intersil Corporation

  HIP5063DY Datasheet HTML 1Page - Intersil Corporation HIP5063DY Datasheet HTML 2Page - Intersil Corporation HIP5063DY Datasheet HTML 3Page - Intersil Corporation HIP5063DY Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Simplified Block Diagram
TYPICAL SEPIC APPLICATION CONFIGURATION
Functional Block Diagram
CONTROL
LOGIC
GATE
DRIVERS
S
DGND
AGND
IRFI
IRFO
4
µH
D
0.1
µF
33
µF
3.8
µH
0.88
µF
12V
VDDA
3
µH
THERMAL
MONITOR
1MHz
CLOCK
FLLN
CLCK
TMON
COOL
5.1V
REF
5.1V
OUTPUT
+
-
+
-
VIN = 36V
0.66
µF
HIP5063
VDDD
VDDP
VCMP
0.1
µF
FLLN
COOL
AGND
VCMP
VDDD
BIAS
CIRCUITS
TMON
VDDA
VDDA
CLCK
18K
THERMAL
MONITOR
S
FLIP-FLOP
R
FAST RESET
Q
GATE
DRIVERS
CONTROL
&
BLANKING
LOGIC
CURRENT
MONITOR-
ING
AMP
SOURCE
VDDP
DRAIN
IRFO
DGND
IRFI
EXTERNAL CURRENT SCALING RESISTOR
IPEAK(DMOS DRAIN CURRENT) = 4500 x IREF (mA)
IREF
50
µA
+
-
HIP5063


Similar Part No. - HIP5063DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
HIP5061DS INTERSIL-HIP5061DS Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
More results

Similar Description - HIP5063DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5062 INTERSIL-HIP5062 Datasheet
655Kb / 7P
   Power Control IC Single Chip Dual Switching Power Supply
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
logo
Fuji Electric
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com