Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601A Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP6601A
Description  Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601A Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6601A Datasheet HTML 1Page - Intersil Corporation HIP6601A Datasheet HTML 2Page - Intersil Corporation HIP6601A Datasheet HTML 3Page - Intersil Corporation HIP6601A Datasheet HTML 4Page - Intersil Corporation HIP6601A Datasheet HTML 5Page - Intersil Corporation HIP6601A Datasheet HTML 6Page - Intersil Corporation HIP6601A Datasheet HTML 7Page - Intersil Corporation HIP6601A Datasheet HTML 8Page - Intersil Corporation HIP6601A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT - VPHASE) . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . .VPHASE - 5V(<400ns pulse width) to VBOOT + 0.3V
. . . . . . . . . . . VPHASE - 3.0V(>400ns pulse width) to VBOOT + 0.3V
LGATE . . . . . . . . . GND - 5V(<400ns pulse width) to VPVCC + 0.3V
. . . . . . . . . . . . . . GND - 3.0V(>400ns pulse width) to VPVCC + 0.3V
PHASE. . . . . . . . . . . . . . . . . .GND - 5V(<400ns pulse width) to 15V
. . . . . . . . . . . . . . . . . . . . . . GND - 0.3V(>400ns pulse width) to 15V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . .200V
Thermal Resistance
θJA (oC/W) θJC (oC/W)
SOIC Package (Note 1)
97
N/A
EPSOIC Package (Note 2). . . . . . . . . .
38
N/A
QFN Package (Note 2). . . . . . . . . . . . .
48
10
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 85oC
Maximum Operating Junction Temperature . . . . . . . . . . . . . 125oC
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . . . . . . 5V to 12V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
HIP6601A, fPWM = 1MHz, VPVCC = 12V
-
4.4
6.2
mA
HIP6603A, fPWM = 1MHz, VPVCC = 12V
-
2.5
3.6
mA
Upper Gate Bias Current
IPVCC
HIP6601A, fPWM = 1MHz, VPVCC = 12V
-
200
430
µA
HIP6603A, fPWM = 1MHz, VPVCC = 12V
-
1.8
3.3
mA
POWER-ON RESET
VCC Rising Threshold
9.7
9.95
10.4
V
VCC Falling Threshold
9.0
9.2
9.5
V
PWM INPUT
Input Current
IPWM
VPWM = 0 or 5V (See Block Diagram)
-
500
-
µA
PWM Rising Threshold
3.45
3.6
-
V
PWM Falling Threshold
-
1.45
1.55
V
UGATE Rise Time
tRUGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
LGATE Rise Time
tRLGATE
VPVCC = 12V, 3nF Load
-
50
-
ns
UGATE Fall Time
tFUGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
LGATE Fall Time
tFLGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
UGATE Turn-Off Propagation Delay
tPDLUGATE VPVCC = 12V, 3nF Load
-
30
-
ns
LGATE Turn-Off Propagation Delay
tPDLLGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
Shutdown Window
1.4
-
3.6
V
Shutdown Holdoff Time
-
230
-
ns
OUTPUT
Upper Drive Source Impedance
RUGATE
VPVCC = 5V
-
1.7
3.0
VPVCC = 12V
-
3.0
5.0
Upper Drive Sink Impedance
RUGATE
VPVCC = 5V
-
2.3
4.0
VPVCC = 12V
-
1.1
2.0
Lower Drive Source Current
ILGATE
VPVCC = 5V, HIP6603A
400
580
-
mA
VPVCC = 12V, HIP6603A
500
730
-
mA
VPVCC = 5V or 12V, HIP6601A
500
730
-
mA
Lower Drive Sink Impedance
RLGATE
VPVCC = 5V or 12V
-
1.6
4.0
HIP6601A, HIP6603A, HIP6604


Similar Part No. - HIP6601A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
HIP6601ACB RENESAS-HIP6601ACB Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
HIP6601ACB-T RENESAS-HIP6601ACB-T Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6601A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com