Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6603ACB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6603ACB
Description  Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6603ACB Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6603ACB Datasheet HTML 1Page - Intersil Corporation HIP6603ACB Datasheet HTML 2Page - Intersil Corporation HIP6603ACB Datasheet HTML 3Page - Intersil Corporation HIP6603ACB Datasheet HTML 4Page - Intersil Corporation HIP6603ACB Datasheet HTML 5Page - Intersil Corporation HIP6603ACB Datasheet HTML 6Page - Intersil Corporation HIP6603ACB Datasheet HTML 7Page - Intersil Corporation HIP6603ACB Datasheet HTML 8Page - Intersil Corporation HIP6603ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Functional Pin Description
UGATE (Pin 1), (Pin 16 QFN)
Upper gate drive output. Connect to gate of high-side power
N-Channel MOSFET.
BOOT (Pin 2), (Pin 2 QFN)
Floating bootstrap supply pin for the upper gate drive.
Connect the bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge to
turn on the upper MOSFET. A resistor in series with boot
capacitor is required in certain applications to reduce ringing
on the BOOT pin. See the Internal Bootstrap Device section
under DESCRIPTION for guidance in choosing the
appropriate capacitor and resistor values.
PWM (Pin 3), (Pin 3 QFN)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see the
three-state PWM Input section under DESCRIPTION for further
details. Connect this pin to the PWM output of the controller.
GND (Pin 4), (Pin 4 QFN)
Bias and reference ground. All signals are referenced to this
node.
PGND (Pin 5 QFN Package Only)
This pin is the power ground return for the lower gate driver.
LGATE (Pin 5), (Pin 7 QFN)
Lower gate drive output. Connect to gate of the low-side
power N-Channel MOSFET.
VCC (Pin 6), (Pin 9 QFN)
Connect this pin to a +12V bias supply. Place a high quality
bypass capacitor from this pin to GND.
LVCC (Pin 10 QFN Package Only)
Lower gate driver supply voltage.
PVCC (Pin 7), (Pin 11 QFN)
For the HIP6601A and the HIP6604, this pin supplies the
upper gate drive bias. Connect this pin from +12V down to
+5V.
For the HIP6603A, this pin supplies both the upper and
lower gate drive bias. Connect this pin to either +12V or +5V.
PHASE (Pin 8), (Pin 14 QFN)
Connect this pin to the source of the upper MOSFET and the
drain of the lower MOSFET. The PHASE voltage is
monitored for adaptive shoot-through protection. This pin
also provides a return path for the upper gate drive.
Description
Operation
Designed for versatility and speed, the HIP6601A, HIP6603A
and HIP6604 dual MOSFET drivers control both high-side and
low-side N-Channel FETs from one externally provided PWM
signal.
The upper and lower gates are held low until the driver is
initialized. Once the VCC voltage surpasses the VCC Rising
Threshold (See Electrical Specifications), the PWM signal
takes control of gate transitions. A rising edge on PWM
initiates the turn-off of the lower MOSFET (see Timing
Diagram). After a short propagation delay [tPDLLGATE], the
lower gate begins to fall. Typical fall times [tFLGATE] are
provided in the Electrical Specifications section. Adaptive
shoot-through circuitry monitors the LGATE voltage and
determines the upper gate delay time [tPDHUGATE] based
on how quickly the LGATE voltage drops below 2.2V. This
prevents both the lower and upper MOSFETs from
conducting simultaneously or shoot-through. Once this delay
period is complete the upper gate drive begins to rise
[tRUGATE] and the upper MOSFET turns on.
Timing Diagram
PWM
UGATE
LGATE
tPDLLGATE
tFLGATE
tPDHUGATE
tRUGATE
tPDLUGATE
tFUGATE
tPDHLGATE
tRLGATE
HIP6601A, HIP6603A, HIP6604


Similar Part No. - HIP6603ACB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6603ACB RENESAS-HIP6603ACB Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
HIP6603ACB-T RENESAS-HIP6603ACB-T Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6603ACB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com