Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA510 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HMA510
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HMA510 Datasheet HTML 2Page - Intersil Corporation HMA510 Datasheet HTML 3Page - Intersil Corporation HMA510 Datasheet HTML 4Page - Intersil Corporation HMA510 Datasheet HTML 5Page - Intersil Corporation HMA510 Datasheet HTML 6Page - Intersil Corporation HMA510 Datasheet HTML 7Page - Intersil Corporation HMA510 Datasheet HTML 8Page - Intersil Corporation HMA510 Datasheet HTML 9Page - Intersil Corporation HMA510 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3-7
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage Applied. . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA(oC/W) θJC (oC/W)
68 Lead PLCC . . . . . . . . . . . . . . . . . . .
43.2
15.1
68 Lead PGA . . . . . . . . . . . . . . . . . . . .
42.69
10.0
Maximum Package Power Dissipation at 70oC
PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7W
PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.46/W
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Junction Temperature
PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4800 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications VCC = 5.0V ±5%, TA = 0
oC to 70oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400mA, VCC = 4.75V
2.6
-
V
Output LOW Voltage
VOL
IOL = +4.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
µA
Output or I/O Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V,
Outputs Open
-
500
µA
Operating Power Supply Current
ICCOP
f = 1.0MHz, VIN = VCC or GND
VCC = 5.25V (Note 2)
-7.0
mA
NOTE:
2. Operating Supply Current is proportional to frequency, typical rating is 5.0mA/MHz.
Capacitance TA = 25
oC, Note 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Input Capacitance
CIN
FREQ = 1MHz, VCC = Open all Measure-
ments are Referenced to Device Ground
-10
pF
Output Capacitance
COUT
-10
pF
I/O Capacitance
CI/O
-15
pF
NOTES:
3. Not tested, but characterized at initial design and at major process/design changes.
AC Electrical Specifications VCC = 5.0V ±5%, TA = 0
oC to 70oC
PARAMETER
SYMBOL
TEST CONDITIONS
HMA510-45
HMA510-55
UNITS
MIN
MAX
MIN
MAX
Multiply Accumulate Time
TMA
-
45
-
55
ns
HMA510


Similar Part No. - HMA510

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510/883 INTERSIL-HMA510/883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510883 INTERSIL-HMA510883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GM-55/883 INTERSIL-HMA510GM-55/883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GM-55883 INTERSIL-HMA510GM-55883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com