Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA510JC-45 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HMA510JC-45
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510JC-45 Datasheet(HTML) 4 Page - Intersil Corporation

  HMA510JC-45 Datasheet HTML 1Page - Intersil Corporation HMA510JC-45 Datasheet HTML 2Page - Intersil Corporation HMA510JC-45 Datasheet HTML 3Page - Intersil Corporation HMA510JC-45 Datasheet HTML 4Page - Intersil Corporation HMA510JC-45 Datasheet HTML 5Page - Intersil Corporation HMA510JC-45 Datasheet HTML 6Page - Intersil Corporation HMA510JC-45 Datasheet HTML 7Page - Intersil Corporation HMA510JC-45 Datasheet HTML 8Page - Intersil Corporation HMA510JC-45 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Functional Description
The HMA510 is a high speed 16 x 16-bit multiplier accumu-
lator (MAC). It consists of a 16-bit parallel multiplier follower
by a 35-bit accumulator. All inputs and outputs are regis-
tered and are latched on the rising edge of the associated
clock signal. The HMA510 is divided into four sections: the
input section, the multiplier array, the accumulator and the
output/preload section.
The input section has two 16-bit Operand Input Registers for
the X and Y operands which are latched on the rising edge
of CLKX and CLKY respectively. A four bit Control Register
(TC, RND, ACC, SUB) is also included and is latched from
either of the input clock signals.
The 16 x 16 multiplier array produces the 32-bit product of
the input operands. Two's complement or unsigned magni-
tude operation can be selected by the use of the TC control.
The 32-bit result may also be rounded through the use of the
RND control. In this case, a ‘1’ is added to the MSB of the
LSP (bit P15). The 32-bit product is zero-filled or sign-
extended as appropriate and passed as a 35-bit number to
the accumulator section.
The accumulator functions are controlled by the ACC, SUB
and PREL control inputs. Four functions may be selected:
the accumulator may be loaded with the current product; the
product may be added to the accumulator contents; the
accumulator contents may be subtracted from the current
product; or the accumulator may be loaded from the bidirec-
tional ports. The Accumulator Registers are updated at the
rising edge of the CLKP signal.
The output/preload section contains the Accumulator/Output
Register and the bidirectional ports. This section is con-
trolled by the signals PREL, OEX, OEM and OEL. When
PREL is high, the output buffers are in a high impedance
state. When one of the controls OEX, OEM or OEL are also
high, data present at the outputs will be preloaded into the
associated register on the rising edge of CLKP. When PREL
is low, the signals OEX, OEM and OEL are enable controls
for their respective three-state output ports.
TABLE 1. PRELOAD FUNCTION TABLE
PREL
OEX
OEM
OEL
OUTPUT REGISTERS
XTP
MSP
LSP
0000
Q
Q
Q
0001
Q
Q
Z
0010
Q
Z
Q
0011
Q
Z
Z
0100
Z
Q
Q
0101
Z
Q
Z
0110
Z
Z
Q
0111
Z
Z
Z
1000
Z
Z
Z
1001
Z
Z
PL
1010
Z
PL
Z
1011
Z
PL
PL
1100
PL
Z
Z
1101
PL
Z
PL
1110
PL
PL
Z
1111
PL
PL
PL
Z = Output Buffers at High Impedance (Disabled).
Q = Output Buffers at LOW Impedance. Contents of Output Reg-
ister Available Through Output Ports.
PL = Output disabled. Preload data supplied to the output pins will
be loaded into the register at the rising edge of CLKP.
TABLE 2. ACCUMULATOR FUNCTION TABLE
PREL
ACC
SUB
P
OPERATION
L
L
X
Q
Load
LH
L
Q
Add
LH
H
Q
Subtract
HX
X
PL
Preload
HMA510


Similar Part No. - HMA510JC-45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510/883 INTERSIL-HMA510/883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510883 INTERSIL-HMA510883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GM-55/883 INTERSIL-HMA510GM-55/883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GM-55883 INTERSIL-HMA510GM-55883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510JC-45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com