Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-1840RH-8 Datasheet(PDF) 6 Page - Harris Corporation

Part # HS1-1840RH-8
Description  Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HS1-1840RH-8 Datasheet(HTML) 6 Page - Harris Corporation

Back Button HS1-1840RH-8 Datasheet HTML 2Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 3Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 4Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 5Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 6Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 7Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 8Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 9Page - Harris Corporation HS1-1840RH-8 Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Specifications HS-1840RH
TABLE 5. DC POST BURN-IN DELTA ELECTRICAL CHARACTERISTICS
Guaranteed, per MIL-STD-883, Method 1019. Unless Otherwise Specified: V- = -15V, V+ = +15V, VREF = +5V, VAH = +4.0V, VAL = 0.8V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Leakage Current,
Address, or Enable
Pins
IAH
IAL
Measure Inputs Sequentially,
Ground All Unused Pins
1
+25oC
-100
100
nA
Leakage Current Into
the Source Terminal of
an “Off” Switch
+IS(OFF)
VS = +10V, All Unused Inputs &
Output = -10V, VEN = 4.0V
1
+25oC
-20
20
nA
-IS(OFF)
VS = -10V, All Unused Inputs &
Output = +10V, VEN = 4.0V
1
+25oC
-20
20
nA
Leakage Current Into
the Drain Terminal of
an “Off” Switch
+ID(OFF)
VD = +10V, VEN = 4.0V
All Unused Inputs = -10V
1
+25oC
-20
20
nA
-ID(OFF)
VD = -10V, VEN = 4.0V
All Unused Inputs = +10V
1
+25oC
-20
20
nA
Leakage Current from
an “On” Driver into the
Switch (Drain & Source)
+ ID(ON)
VS = +10V, VD = +10V,
VEN = 0.8V
All Unused Inputs = -10V
1
+25oC
-20
20
nA
-ID(ON)
VS = -10V, VD = -10V,
VEN = 0.8V
All Unused Inputs = +10V
1
+25oC
-20
20
nA
Switch On Resistance
+15V R(ON)
VS = +15V, ID = -1mA,
VEN = 0.8V
1
+25oC
-150
150
-5V R(ON)
VS = -5V, ID = +1mA,
VEN = 0.8V
1
+25oC
-250
250
Positive Supply
Current
I(+)
VEN = 0.8V
1
+25oC
-50
50
µA
Negative Supply
Current
I(-)
VEN = 0.8V
1
+25oC
-50
50
µA
Positive Standby
Supply Current
+ISBY
VEN = 4.0V
1
+25oC
-50
50
µA
Negative Standby
Supply Current
-ISBY
VEN = 4.0V
1
+25oC
-50
50
µA
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
-Q SUBGROUPS
-8 SUBGROUPS
Initial Test
100%/5004
1
1
Interim Test
100%/5004
1
N/A
PDA
100%/5004
1
1
Final Test
100%/5004
1, 2, 3, 7, 8A, 8B, 9, 10, 11
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
B5
Samples/5005
1, 2, 3
N/A
Others
Samples/5005
1, 7
N/A
Group C
Samples/5005
N/A
1, 2, 3
Group D
Samples/5005
1, 7
1, 7
Group E, Subgroup 2
Samples/5005
1, 7
1, 7
Spec Number
518022


Similar Part No. - HS1-1840RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-1840ARH INTERSIL-HS1-1840ARH Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS1-1840ARH INTERSIL-HS1-1840ARH Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS1-1840ARH INTERSIL-HS1-1840ARH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
List of Unclassifed Man...
HS1-1840ARH-Q ETC2-HS1-1840ARH-Q Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
logo
Intersil Corporation
HS1-1840ARH-T INTERSIL-HS1-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - HS1-1840RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com