Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-6564RH Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS-6564RH
Description  Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-6564RH Datasheet(HTML) 5 Page - Intersil Corporation

  HS-6564RH Datasheet HTML 1Page - Intersil Corporation HS-6564RH Datasheet HTML 2Page - Intersil Corporation HS-6564RH Datasheet HTML 3Page - Intersil Corporation HS-6564RH Datasheet HTML 4Page - Intersil Corporation HS-6564RH Datasheet HTML 5Page - Intersil Corporation HS-6564RH Datasheet HTML 6Page - Intersil Corporation HS-6564RH Datasheet HTML 7Page - Intersil Corporation HS-6564RH Datasheet HTML 8Page - Intersil Corporation HS-6564RH Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8-453
HS-6564RH
Timing Waveforms
READ CYCLE
TRUTH TABLE
TIME
REFERENCE
INPUTS
OUTPUT
Q
FUNCTION
E
W
A
-1
H
X
X
Z
Memory Disabled
0
H
V
Z
Cycle Begins, Addresses are Latched
1
L
H
X
X
Output Enabled
2
L
H
X
V
Output Valid
3
H
X
V
Read Accomplished
4
H
X
X
Z
Prepare for Next Cycle (Same as -1)
5
H
V
Z
Cycle Ends, Next Cycle Begins (Same as 0)
TELEL
TAVEL
TELAX
NEXT ADD
TEHEL
TEHQZ
HIGH-Z
TELQX
TELQV
ADD VALID
TEHEL
HIGH
HIGH-Z
TELEH
-1
0
1
2
3
4
5
TAVEL
A
E
Q
W
TIME
REFERENCE
The address information is latched in the on chip registers
on the falling edge of E (T = 0). Minimum address set up and
hold time requirements must be met. After the required hold
time, the addresses may change state without affecting
device operation. During time (T = 1) the output becomes
enabled but data is not valid until during time (T = 2). W must
remain high until after time (T = 2). After the output data has
been read, E may return high (T = 3). This will disable the
output buffer and ready the RAM for the next memory cycle
(T = 4).


Similar Part No. - HS-6564RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS-6564RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com