Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43168883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP43168883
Description  Dual FIR Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43168883 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP43168883 Datasheet HTML 1Page - Intersil Corporation HSP43168883 Datasheet HTML 2Page - Intersil Corporation HSP43168883 Datasheet HTML 3Page - Intersil Corporation HSP43168883 Datasheet HTML 4Page - Intersil Corporation HSP43168883 Datasheet HTML 5Page - Intersil Corporation HSP43168883 Datasheet HTML 6Page - Intersil Corporation HSP43168883 Datasheet HTML 7Page - Intersil Corporation HSP43168883 Datasheet HTML 8Page - Intersil Corporation HSP43168883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . .300oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC(oC/W)
Ceramic PGA Package . . . . . . . . . . . .
33.5
7.5
Maximum Package Power Dissipation at 125oC
Ceramic PGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.49 W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32529 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-GROUPS
TEMPERATURE (oC)
LIMITS
UNITS
MIN
MAX
Logical One Input
Voltage
VIH
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
2.2
-
V
Logical Zero Input
Voltage
VIL
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
0.8
V
Logical One Input
Voltage Clock
VIHC
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
3.0
-
V
Logical Zero Input
Voltage Clock
VILC
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400µA
VCC= 4.5V (Note 1)
1, 2, 3
-55
≤ TA ≤ 125
2.6
-
V
Output LOW Voltage
VOL
IOL = +2.0mA
VCC= 4.5V (Note 1)
1, 2, 3
-55
≤ TA ≤ 125
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Output Leakage Current
IO
VIN = VCC or GND
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Standby Power Supply
Current
ICCSB
VIN = VCC or GND
VCC = 5.5V,
Outputs Open
1, 2, 3
-55
≤ TA ≤ 125
-
500
µA
Operating Power Supply
Current
ICCOP
f = 25.6MHz, VIN =
VCC or GND, VCC =
5.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
-
281.6
mA
Functional Test
FT
(Note 3)
7, 8
-55
≤ TA ≤ 125
-
-
-
NOTES:
2. Interchanging of force and sense conditions is permitted.
3. Operating Supply Current is proportional to frequency, typical rating is 11mA/MHz.
4. Tested as follows: f = 1MHz, VIH (clock inputs) = 3.4V, VIH (all other inputs) = 2.6V, VIL = 0.4V, VOH ≥ 1.5V, and VOL ≤ 1.5V.
HSP43168/883


Similar Part No. - HSP43168883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168JC-33 INTERSIL-HSP43168JC-33 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168JC-33 INTERSIL-HSP43168JC-33 Datasheet
915Kb / 25P
   Dual FIR Filter
More results

Similar Description - HSP43168883

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
LOGIC Devices Incorpora...
LF43168 LODEV-LF43168 Datasheet
184Kb / 16P
   Dual 8-Tap FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com