Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45106883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP45106883
Description  16-Bit Numerically Controlled Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45106883 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP45106883 Datasheet HTML 1Page - Intersil Corporation HSP45106883 Datasheet HTML 2Page - Intersil Corporation HSP45106883 Datasheet HTML 3Page - Intersil Corporation HSP45106883 Datasheet HTML 4Page - Intersil Corporation HSP45106883 Datasheet HTML 5Page - Intersil Corporation HSP45106883 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
(oC)
-25 (25MHz)
UNITS
MIN
MAX
Input Capacitance
CIN
VCC = Open, f = 1MHz, all measure-
ments are referenced to device GND.
9TA = 25
-
10
pF
Output Capacitance
COUT
VCC = Open, f = 1MHz, all measure-
ments are referenced to device GND.
9TA = 25
-
10
pF
Output Disable Delay
tOEZ
9, 10
-55
≤ TA ≤ 125
-
15
ns
Output Rise Time
tOR
From 0.8V to 2.0V
9, 10
-55
≤ TA ≤ 125
-
8
ns
Output Fall Time
tOF
From 20.V to 0.8V
9, 10
-55
≤ TA ≤ 125
-
8
ns
NOTES:
9. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are characterized
upon initial design and after major process and/or design changes.
10. Loading is as specified in the test load circuit with switch closed and CL = 40pF.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
-
PDA
100%
1
Final Test
100%
2, 3, 8A, 8B, 10, 11
Group A
-
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C and D
Samples/5005
1, 7, 9
HSP45106/883


Similar Part No. - HSP45106883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106GC-33 INTERSIL-HSP45106GC-33 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45106883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com