Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45106883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HSP45106883
Description  16-Bit Numerically Controlled Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45106883 Datasheet(HTML) 6 Page - Intersil Corporation

  HSP45106883 Datasheet HTML 1Page - Intersil Corporation HSP45106883 Datasheet HTML 2Page - Intersil Corporation HSP45106883 Datasheet HTML 3Page - Intersil Corporation HSP45106883 Datasheet HTML 4Page - Intersil Corporation HSP45106883 Datasheet HTML 5Page - Intersil Corporation HSP45106883 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
7585 Irvine Center Drive
Suite 100
Irvine, CA 92618
TEL: (949) 341-7000
FAX: (949) 341-7123
Intersil Corporation
2401 Palm Bay Rd.
Palm Bay, FL 32905
TEL: (321) 724-7000
FAX: (321) 724-7946
EUROPE
Intersil Europe Sarl
Ave. William Graisse, 3
1006 Lausanne
Switzerland
TEL: +41 21 6140560
FAX: +41 21 6140579
ASIA
Intersil Corporation
Unit 1804 18/F Guangdong Water Building
83 Austin Road
TST, Kowloon Hong Kong
TEL: +852 2723 6339
FAX: +852 2730 1433
Die Characteristics
DIE DIMENSIONS:
251 mils x 240 mils x 19
±1mils
METALLIZATION:
Type: Si-Al, or Si-Al-Cu
Thickness: 8k
Å
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
WORST CASE CURRENT DENSITY:
0.8 x 105 A/cm2
HSP45106/883


Similar Part No. - HSP45106883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106GC-33 INTERSIL-HSP45106GC-33 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45106883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com