Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP48908883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP48908883
Description  Two Dimensional Convolver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48908883 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP48908883 Datasheet HTML 1Page - Intersil Corporation HSP48908883 Datasheet HTML 2Page - Intersil Corporation HSP48908883 Datasheet HTML 3Page - Intersil Corporation HSP48908883 Datasheet HTML 4Page - Intersil Corporation HSP48908883 Datasheet HTML 5Page - Intersil Corporation HSP48908883 Datasheet HTML 6Page - Intersil Corporation HSP48908883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TM
FN2783.5
HSP48908/883
Two Dimensional Convolver
The Intersil HSP48908/883 is a high speed Two Dimensional
Convolver which provides a single chip implementation of a
video data rate 3 x 3 kernel convolution on two dimensional
data. It eliminates the need for external data storage through
the use of the on-chip row buffers which are programmable
for row lengths up to 1024 pixels.
There are internal register banks for storing two independent
3 x 3 filter kernels, thus, facilitating the implementation of
adaptive filters and multiple filter operations on the same
data. The pixel data path also includes an on-chip ALU for
performing real-time arithmetic and logical pixel point
operations.
Data is provided to the HSP48908/883 in a raster scan
noninterlaced fashion, and is internally buffered on images
up to 1024 pixels wide for the 3 x 3 convolution operation.
Images with larger rows and convolution with larger kernel
sizes can be accommodated by using external row buffers
and/or multiple HSP48908/883s. Coefficient and pixel input
data are 8-bit signed or unsigned integers, and the 20-bit
convolver output guarantees no overflow for kernel sizes up
to 4 x 4. Larger kernel sizes can be implemented however,
since the filter coefficients will normally be less than their
maximum 8-bit values.
The HSP48908/883 is manufactured using an advanced
CMOS process, and is a low power fully static design. The
configuration of the device is controlled through a standard
microprocessor interface and all inputs/outputs are TTL
compatible.
Features
• This Circuit is Processed in Accordance to MIL-STD-883
and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Single Chip 3 x 3 Kernel Convolution
• Programmable On-Chip Row Buffers
• DC to 27MHz Clock Rate
• Cascadable for Larger Kernels and Images
• On-Chip 8-Bit ALU
• Dual Coefficient Mask Registers, Switchable in a Single
Clock Cycle
• 8-Bit Signed or Unsigned Input and Coefficient Data
• 20-Bit Extended Precision Output
• Standard
µP Interface
Applications
• Image Filtering
• Edge Detection
• Adaptive Filtering
• Real Time Video Filter
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HSP48908GM-20/883
-55 to 125
84 Ld CPGA
G84.A
HSP48908GM-27/883
-55 to 125
84 Ld CPGA
G84.A
Data Sheet
December 1999
FOR A
POSS
IBLE
SUBS
TITUT
E PRO
DUCT
call C
entra
l App
licatio
ns 1-8
88-IN
TERS
IL
or ema
il: ce
ntapp
@inte
rsil.co
m
OBSO
LETE
PROD
UCT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - HSP48908883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48908 INTERSIL-HSP48908 Datasheet
110Kb / 18P
   Two Dimensional Convolver
HSP48908GC-20 INTERSIL-HSP48908GC-20 Datasheet
110Kb / 18P
   Two Dimensional Convolver
HSP48908GC-32 INTERSIL-HSP48908GC-32 Datasheet
110Kb / 18P
   Two Dimensional Convolver
HSP48908JC-20 INTERSIL-HSP48908JC-20 Datasheet
110Kb / 18P
   Two Dimensional Convolver
HSP48908JC-32 INTERSIL-HSP48908JC-32 Datasheet
110Kb / 18P
   Two Dimensional Convolver
More results

Similar Description - HSP48908883

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF48908 LODEV-LF48908 Datasheet
315Kb / 16P
   Two Dimensional Convolver
logo
Intersil Corporation
HSP48908 INTERSIL-HSP48908 Datasheet
110Kb / 18P
   Two Dimensional Convolver
logo
Hamamatsu Corporation
S5990-01 HAMAMATSU-S5990-01 Datasheet
143Kb / 2P
   Two-dimensional PSD Improved tetra-lateral type for surface mounting
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
   Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com