Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV-2405E Datasheet(PDF) 7 Page - Intersil Corporation

Part # HV-2405E
Description  World-WideSingle Chip Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HV-2405E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HV-2405E Datasheet HTML 3Page - Intersil Corporation HV-2405E Datasheet HTML 4Page - Intersil Corporation HV-2405E Datasheet HTML 5Page - Intersil Corporation HV-2405E Datasheet HTML 6Page - Intersil Corporation HV-2405E Datasheet HTML 7Page - Intersil Corporation HV-2405E Datasheet HTML 8Page - Intersil Corporation HV-2405E Datasheet HTML 9Page - Intersil Corporation HV-2405E Datasheet HTML 10Page - Intersil Corporation HV-2405E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
4-7
and requires a minimum of 50Vrms to deliver 24V at 50mA.
Component List (World Wide Supply <50mA)
Fuse
Opens the connection to the power line.
Recommended value: 1/4AG
R1 Source Resistor
R1 limits the input current into the HV-2405E. Needs to be
large enough to limit inrush current when C2 is discharged
fully. The maximum inrush current needs to be limited to less
than 2A (V peak / R1 <2A). The equation for power dissipa-
tion in R1 is:
Wirewound resistors are recommended due to their superior
temperature characteristics.
R1 = 100(±10%)
R2, R3, R4, R5 and R6 Resistors
R2, R3, R4, R5 and R6 set the bias level for Q1 that
establishes the minimum and maximum input current limit
during start-up.
Resistor values (±5%):
C1 Snubber Capacitor
C1 and R1 form a low pass filter that limits the voltage rate
of rise across SA1 (the main current carrying SCR of the
HV-2405E) and therefore its power dissipation.
C1 = 0.1µF (±10%) AC rated, metallized polyester.
C2 Pre-Regulator Capacitor
C2 is charged once each line cycle. The post regulator
section of the HV-2405E is powered by C2 for most of the
line cycle. If the application requires a smaller input voltage,
the value of C2 can be reduced from that shown in Figure 1
(see section on “Optimizing Design” for details). Note:
capacitors with high ESR may not store enough charge to
maintain full load current. The voltage rating of C2 should be
about 10V greater than the selected VOUT.
Recommended value = 470µF electrolytic (±20%), unless
otherwise specified.
C3 Feed Forward Capacitor
C3 is part of the input Current limiting circuitry shown in
Figure 1. C3 detects large voltage transients on the AC line
and turns off the HV-2405E by turning Q1 on.
C3 = 20pF (20%), breakdown voltage >500V.
C4 Output Filter Capacitor
C4 is required to maintain the stability of the output stage.
Larger values may help in supplying short momentary
current peaks to the load and improve output ripple during
start-up.
C4 = 10µF (±20%)
Z1 Output Voltage Adjust
Z1 is used to set the output voltage above the 5V reference
on pin 5 (see section titled “Setting The Output Voltage” for
more details).
Z1= VOUT - 5V,1/4W. V2 valve at 1mA.
Note, the wattage rating is different when configured as a
dual supply (see dual supply section for on how to determine
wattage).
Z2 Clamp Diode
Z2 clamps the voltage on Q1s emitter when the voltage on
C2 >10V. This results in limiting the maximum input current
to less than 2A.
Z2 = 5.1V, 1N5231A or equivalent
Q1 Input Current Limiting Transistor
Q1 shuts down the HV-2405E when the input voltage or dv/dt
is too large.
VCEO = 40V min.
Q1 = 2N2222 or equivalent
Imbedded
Supply
(IOUT
≤30mA)
FIGURE 7. IMBEDDED SUPPLY IOUT ≤ 30mA
For applications requiring 30mA or less and not directly off
line (i.e. filter network preceding supply), the external tran-
sistor and associated resistors in Figure 1 can be replaced
with a single 1/4W resistor R2 and capacitor C3 (Figure 7) if:
(1) The filter network reduces the input dv/dt to less than
10V/µs (ensures sufficient pin 2 voltage at turn off), (2)
TABLE 1. MINIMUM INPUT VOLTAGE vs OUTPUT CURRENT
IOUT
VOUT
10mA
25mA
35mA
50mA
5V
15Vrms
21Vrms
25Vrms
30Vrms
24V
31Vrms
38Vrms
41Vrms
50Vrms
Pd = 2.8
(EQ. 10)
R2 = 220k
Ω, 1W
R5 = 3.3k
Ω, 1/4W
R3 = 3.9k
Ω, 1/4W
R6 = 5.6k
Ω, 1/4W
R4 = 5.6k
Ω, 1/4W
R1 Vrms (IOUT)3
HV-2405E
C2
330
µF
C3
150pF
C4
10
µF
C1
0.1
µF
VOUT
+
-
R1
150
R2
2.7
dv/dt < 10V/
µs
FILTER
NETWORK
COMPONENT LIST
FUSE = 1/4A
R1 = 150
Ω, 3W
R2 = 2.7
Ω, 1/4W
C1 = 0.1
µF, AC RATED
C2 = 330
µF, 15V + VOUT, ELECTROLYTIC
C3 = 150pF, CERAMIC
C4 = 10
µF, VOUT + 10V, ELECTROLYTIC
Z1 = VOUT -5V, 1/4W
FUSE
HV-2405E


Similar Part No. - HV-2405E

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV-2405E HARRIS-HV-2405E Datasheet
576Kb / 14P
   World-Wide Single Chip Power Supply
More results

Similar Description - HV-2405E

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV-2405E HARRIS-HV-2405E Datasheet
576Kb / 14P
   World-Wide Single Chip Power Supply
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
   WORLD CHIP FSK AUTODIAL MODEM
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
TRIAD MAGNETICS
VPS24-3300 TRIAD-VPS24-3300 Datasheet
127Kb / 1P
   POWER TRANSFORMER : QUICK-CONNECT WORLD SERIES
logo
SHENZHEN FUMAN ELECTRON...
FM3783 FUMAN-FM3783 Datasheet
314Kb / 8P
   Low-power primary feedback power supply chip
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
   Power Control IC Single Chip Power Supply
logo
TRIAD MAGNETICS
VPS20-4000 TRIAD-VPS20-4000 Datasheet
127Kb / 1P
   POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES
logo
Jingjing Microelectroni...
EG358 EGMICRO-EG358 Datasheet
926Kb / 13P
   Three-regulated power supply regulation chip
EG78L05 EGMICRO-EG78L05 Datasheet
486Kb / 10P
   Three-regulated power supply regulation chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com