Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3-2405E-9 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HV3-2405E-9
Description  World-WideSingle Chip Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HV3-2405E-9 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HV3-2405E-9 Datasheet HTML 5Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 6Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 7Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 8Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 9Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 10Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 11Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 12Page - Intersil Corporation HV3-2405E-9 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
4-9
and tolerance of both the Zener diode and the band-gap of
the HV-2405E (see Figure 16). The maximum output voltage
is limited by ZB2 to ≈ 34VDC. ZB2 protects the output by
ensuring that an overvoltage condition does not exist. Note:
the output voltage can also be set by placing a resistor
(1/4W) between pin 5 and pin 6. If a resistor is placed
between pin 5 and pin 6 an additional 1V per k(±10%) is
added to the 5V output.
Optimizing Design (Imbedded Supply)
Selecting the storage capacitor C2
For applications requiring less than 30mA, the value of C2
can be reduced for a more cost effective solution. The mini-
mum C2 capacitor value vs. output current is presented in
Table 2. Advantages of making C2 as small as possible are:
• Reduced total size and cost of the circuit.
• Reduced start up time.
Consideration should be given to the tolerance and tempera-
ture coefficient of the C2 value selected. (Note: momentary
peak output current demands should be considered in the
sizing of C2. Increasing the output capacitor C4 is another
way to supply momentary peak current demands.)
Determining the Power Dissipation in R1
Circuit efficiency is limited by the power dissipation in R1.
The power dissipation for 240Vrms and 120Vrms is shown in
Figure 11.
For input voltages other than 240Vrms or 120Vrms Equation
10 can be used to determine the power dissipation in R1.
FIGURE 11. POWER DISSIPATION IN R1 vs LOAD CURRENT
Operation information
Effects of Temperature on Output Current
Figure 12 and Figure 13 show the effects of temperature on
the output current for the imbedded supply (R2 = 2.7Ω). Fig-
ure 12 illustrates VOUT = 5V operation and Figure 13 illus-
trates VOUT = 24V operation. The imbedded supply (R2 =
2.7Ω) delivers 30mA output current across the specified tem-
perature range of -40oC to +85oC for all output voltages
between 5V and 24V. The effect of decreasing the value of
C2 (330
µF) reduces the maximum output current (i.e. moves
curve to the left). For all C2 values selected from Table 2
(assuming tolerance and temperature coefficient are taken
into account) the circuit meets the expected output current
across the above mentioned temperature range.
FIGURE 12. OUTPUT CURRENT vs TEMPERATURE (R1 = 150
Ω,
R2 = 2.7
Ω, C2 = 330µF)
TABLE 2. IMBEDDED SUPPLY
R1 - 150
R2 = 2.7
VIN
FREQ.
C2
IOUT
264Vrms
50Hz
330
µF
30mA
220
µF
24mA
100
µF
14mA
50
µF8mA
264Vrms
60Hz
330
µF
30mA
220
µF
27mA
100
µF
16mA
50
µF9mA
132Vrms
50Hz
330
µF
30mA
220
µF
30mA
100
µF
16mA
50
µF8mA
132Vrms
60Hz
330
µF
30mA
220
µF
30mA
100
µF
16mA
50
µF9mA
Pd = 2.8
(EQ. 10)
R1 Vrms (IOUT)3
LOAD CURRENT (mA)
0
1
2
3
4
0
102030
120Vrms
240Vrms
IMBEDDED SUPPLY (R1 = 150
Ω)
5
4
3
2
1
0
0
1020304050607080
6
OUTPUT CURRENT (mA)
+85oC
-40oC
+25oC
IMBEDDED SUPPLY
HV-2405E


Similar Part No. - HV3-2405E-9

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV3-2405E-9 HARRIS-HV3-2405E-9 Datasheet
576Kb / 14P
   World-Wide Single Chip Power Supply
More results

Similar Description - HV3-2405E-9

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV-2405E HARRIS-HV-2405E Datasheet
576Kb / 14P
   World-Wide Single Chip Power Supply
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
   WORLD CHIP FSK AUTODIAL MODEM
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
TRIAD MAGNETICS
VPS24-3300 TRIAD-VPS24-3300 Datasheet
127Kb / 1P
   POWER TRANSFORMER : QUICK-CONNECT WORLD SERIES
logo
SHENZHEN FUMAN ELECTRON...
FM3783 FUMAN-FM3783 Datasheet
314Kb / 8P
   Low-power primary feedback power supply chip
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
   Power Control IC Single Chip Power Supply
logo
TRIAD MAGNETICS
VPS20-4000 TRIAD-VPS20-4000 Datasheet
127Kb / 1P
   POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES
logo
Jingjing Microelectroni...
EG358 EGMICRO-EG358 Datasheet
926Kb / 13P
   Three-regulated power supply regulation chip
EG78L05 EGMICRO-EG78L05 Datasheet
486Kb / 10P
   Three-regulated power supply regulation chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com