Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7112LCDL Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7112LCDL
Description  12-Bit, High-Speed, CMOS uP-Compatible A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7112LCDL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7112LCDL Datasheet HTML 4Page - Intersil Corporation ICL7112LCDL Datasheet HTML 5Page - Intersil Corporation ICL7112LCDL Datasheet HTML 6Page - Intersil Corporation ICL7112LCDL Datasheet HTML 7Page - Intersil Corporation ICL7112LCDL Datasheet HTML 8Page - Intersil Corporation ICL7112LCDL Datasheet HTML 9Page - Intersil Corporation ICL7112LCDL Datasheet HTML 10Page - Intersil Corporation ICL7112LCDL Datasheet HTML 11Page - Intersil Corporation ICL7112LCDL Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6-8
By adding a three-state buffer and two control gates, the
End-of-Conversion (EOC) output can be used to control a
“Start and Poll” interface (Figure 6). In this mode, the A0 and
CS lines connect the EOC output to the data bus along with
the most significant byte of data. After pulsing the WR line to
initiate a conversion, the microprocessor continually reads
the most significant byte until it detects a high level on the
EOC bit. The “Start and Poll” interface increases data
throughput compared with the “Start and Wait” method by
eliminating delays between the conversion termination and
the microprocessor read operation.
Other interface configurations can be used to increase data
throughput without monopolizing the microprocessor during
waiting or polling operations by using the EOC line as an
interrupt generator as shown in Figure 7. After the conver-
sion cycle is initiated, the microprocessor can continue to
execute routines that are independent of the A/D converter
until the converter’s output register actually holds valid data.
For fastest data throughput, the ICL7112 can be connected
directly to the data bus but controlled by way of a Direct
VIN
VREF
AGND
DGND
ICL7112
VIN +
SOURCE -
VREF -
SOURCE +
FIGURE 4. RECOMMENDED GROUNDING TECHNIQUE TO ELIMINATE GROUND LOOP ERRORS
ICL7112
A0
CS
RD
BUS
OVR
D8 - D11
D0 - D7
WR
A0 - AN
CS
RD
µP
OVR
D0 - D7
WR
ADDRESS
DECODE
ADDRESS BUS
DATA BUS
A0
READ
LOW BYTE
READ
HIGH BYTE
START
CONVERSION
WAIT
RD
A0
CS
WR
FIGURE 5. “START AND WAIT” OPERATION
ICL7112


Similar Part No. - ICL7112LCDL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115 INTERSIL-ICL7115 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7115JCDL INTERSIL-ICL7115JCDL Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115JCJL INTERSIL-ICL7115JCJL Datasheet
6Mb / 180P
   Data Acquisition
ICL7115JIDL INTERSIL-ICL7115JIDL Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
More results

Similar Description - ICL7112LCDL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
logo
List of Unclassifed Man...
HT574 ETC-HT574 Datasheet
86Kb / 8P
   HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
logo
Analog Devices
ADC912A AD-ADC912A Datasheet
237Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
ADC912A AD-ADC912A_15 Datasheet
225Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
AD394 AD-AD394 Datasheet
605Kb / 8P
   uP Compatible Multiplying Quad 12-Bit D/A Converter
logo
List of Unclassifed Man...
MN674A ETC1-MN674A Datasheet
504Kb / 8P
   UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Analog Devices
AD394KD AD-AD394KD Datasheet
626Kb / 12P
   Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com