Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3217EIB Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3217EIB
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217EIB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL3217EIB Datasheet HTML 3Page - Intersil Corporation ICL3217EIB Datasheet HTML 4Page - Intersil Corporation ICL3217EIB Datasheet HTML 5Page - Intersil Corporation ICL3217EIB Datasheet HTML 6Page - Intersil Corporation ICL3217EIB Datasheet HTML 7Page - Intersil Corporation ICL3217EIB Datasheet HTML 8Page - Intersil Corporation ICL3217EIB Datasheet HTML 9Page - Intersil Corporation ICL3217EIB Datasheet HTML 10Page - Intersil Corporation ICL3217EIB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
This automatic powerdown feature provides additional
system power savings without changes to the existing
operating system or hardware.
Utilizing power management circuitry, to power down the
rest of the communication circuitry (e.g., the UART) when
the ICL3217E powers down, produces even greater power
savings. Connecting a transition detector to the V- pin (see
Figure 3) is an easy way for the power management logic to
determine when the ICL3217E enters and exits powerdown.
Capacitor Selection
The charge pumps require 0.1
µF, or greater, capacitors for
3.3V operation. With 0.1
µF capacitors, five percent tolerance
supplies (e.g., 3.14V minimum) deliver greater than
±5V
transmitter swings at full data rate, while ten percent
tolerance supplies (e.g., 2.97V minimum) deliver
±4.95V
transmitter swings. If greater than
±5V transmitter swings
are required with a 10% tolerance 3.3V supply, 0.22
µF
capacitors are recommended (see Table 3). Existing 5V
applications typically utilize either 0.1
µF or 1µF capacitors,
and the ICL32X7E works well with either value. New 5V
designs should use 0.22
µF capacitors for the best results.
For other supply voltages refer to Table 3 for capacitor
values. Do not use values smaller than those listed in
Table 3. Increasing the capacitor values (by a factor of two)
reduces ripple on the transmitter outputs and slightly
reduces power consumption. C2, C3, and C4 can be
increased without increasing C1’s value, however, do not
increase C1 without also increasing C2, C3, and C4 to
maintain the proper ratios (C1 to the other capacitors).
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-
.
Power Supply Decoupling
In most circumstances a 0.1
µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Powerdown
Figure 6 shows the response of two ICL3217E transmitter
outputs when exiting powerdown mode. As they activate, the
two transmitter outputs properly go to opposite RS-232
levels, with no glitching, ringing, nor undesirable transients.
Each transmitter is loaded with 3k
Ω in parallel with 2500pF.
Note that the transmitters enable only when the magnitude
of the supplies exceed approximately 3V.
.
FIGURE 4. DEFINITION OF VALID RS-232 RECEIVER
LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - POWERDOWN OCCURS AFTER 30
µs
VALID RS-232 LEVEL - ICL3217E IS ACTIVE
VALID RS-232 LEVEL - ICL3217E IS ACTIVE
INDETERMINATE - POWERDOWN MAY OR
MAY NOT OCCUR
INDETERMINATE - POWERDOWN MAY OR
MAY NOT OCCUR
RECEIVER
INPUTS
TRANSMITTER
OUTPUTS
V+
VCC
0
V-
INVALID
REGION
}
FIGURE 5. AUTOMATIC POWERDOWN TIMING DIAGRAM
AUTOPWDN
PWR UP (tWU)
TABLE 3. REQUIRED CAPACITOR VALUES
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
3.15 to 3.6
0.1
0.1
3.0 to 3.6
0.22
0.22
4.5 to 5.5
0.1 to 1.0
0.1 to 1.0
3.0 to 5.5
0.22
0.22
TIME (20
µs/DIV.)
T1
T2
2V/DIV
5V/DIV
VCC = +3.3V
C1 - C4 = 0.1
µF
RXIN
FIGURE 6. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN (ICL3217E ONLY)
ICL3207E, ICL3217E


Similar Part No. - ICL3217EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3217EIBZ RENESAS-ICL3217EIBZ Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com