Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3217ECAZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL3217ECAZ-T
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217ECAZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ICL3217ECAZ-T Datasheet HTML 1Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 2Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 3Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 4Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 5Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 6Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 7Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 8Page - Intersil Corporation ICL3217ECAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Detailed Description
The ICL32X7E interface ICs operate from a single +3V to
+5.5V power supply, guarantee a 250kbps minimum data
rate, require only four small external 0.1
µF capacitors,
feature low power consumption, and meet all ElA RS-232C
and V.28 specifications. The circuit is divided into three
sections: charge pump, transmitters and receivers.
Charge-Pump
Intersil’s new ICL32XXE family utilizes regulated on-chip
dual charge pumps as voltage doublers, and voltage
inverters to generate
±5.5V transmitter supplies from a VCC
supply as low as 3V. This allows these devices to maintain
RS-232 compliant output levels over the
±10% tolerance
range of 3.3V powered systems. The efficient on-chip power
supplies require only four small, external 0.1
µF capacitors
for the voltage doubler and inverter functions at VCC =3.3V.
See the Capacitor Selection section, and Table 3 for
capacitor recommendations for other operating conditions.
The charge pumps operate discontinuously (i.e., they turn off
as soon as the V+ and V- supplies are pumped up to the
nominal values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies,
these transmitters deliver true RS-232 levels over a wide
range of single supply system voltages.
ICL3217E transmitter outputs disable and assume a high
impedance state when the device enters the automatic
powerdown mode. These outputs may be driven to
±12V
when disabled.
Both devices guarantee a 250kbps data rate for full load
conditions (3k
Ω and 1000pF), V
CC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL =3kΩ, and CL = 250pF, one
transmitter easily operates at 800kbps.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Input Hysteresis
25
-
0.3
-
V
Input Resistance
25
357
k
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
(ICL3217E Only)
VOUT = ±12V, VCC = 0V or 3V to 5.5V
In Automatic Powerdown
Full
-
-
±25
µA
TIMING CHARACTERISTICS
Maximum Data Rate
(One Transmitter Switching)
VCC = 3.15V, C1 - C4 = 0.1µF, RL = 3kΩ, CL = 1000pF
Full
250
500
-
kbps
VCC = 3.0V, C1 - C4 = 0.22µF, RL = 3kΩ, CL = 1000pF
Full
250
286
-
kbps
VCC ≥ 4.5V, C1 - C4 = 0.1µF, RL = 3kΩ, CL = 1000pF
Full
250
310
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.3
-
µs
tPLH
25
-
0.3
-
µs
Transmitter Skew
tPHL - tPLH
Full
-
200
1000
ns
Receiver Skew
tPHL - tPLH
Full
-
100
500
ns
Transition Region Slew Rate
VCC = 3.3V, RL = 3kΩ to 7kΩ,
Measured From +3V to -3V or -3V
to +3V
CL = 200pF to 2500pF
25
4
15
30
V/
µs
CL = 200pF to 1000pF
25
6
15
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
IEC61000-4-2, Air-Gap Discharge Method
25
-
±15
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±8-
kV
Human Body Model
25
-
±15
-
kV
All Other Pins
Human Body Model
25
-
±2-
kV
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ICL3207E, ICL3217E


Similar Part No. - ICL3217ECAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3217ECAZ RENESAS-ICL3217ECAZ Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217ECAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com