Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3217EIAZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3217EIAZ-T
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217EIAZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3217EIAZ-T Datasheet HTML 1Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 2Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 3Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 4Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 5Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 6Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 7Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 8Page - Intersil Corporation ICL3217EIAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN4914.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2001, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ICL3207E, ICL3217E
+/- 15kV ESD Protected, +3V to +5.5V, Low
Power, 250kbps, RS-232
Transmitters/Receivers
The Intersil ICL32X7E devices are 3V to 5.5V powered
RS-232 transmitters (five)/receivers (three) which meet
ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Additionally, they provide ±15kV ESD
protection (IEC61000-4-2 Air Gap) and ±15kV Human Body
Model protection on transmitter outputs and receiver inputs
(RS-232 pins). Targeted applications are ISDN Terminal
Adaptors, PDAs, Palmtops, peripherals, and notebook and
laptop computers where the low operational, and even lower
standby, power consumption is critical. The ICL3217E’s
efficient on-chip charge pumps, coupled with an automatic
powerdown function, reduces the standby supply current to
a 1
µA trickle. Small footprint packaging, and the use of
small, low value capacitors ensure board space savings as
well. Data rates greater than 250kbps are guaranteed at
worst case load conditions. This family is fully compatible
with 3.3V-only systems, mixed 3.3V and 5V systems, and
5V-only systems, and is a lower power, pin-for-pin
replacement for ‘207E and ‘237E type devices.
The ICL3217E features an automatic powerdown function
which powers down the on-chip power-supply and driver
circuits. This occurs when an attached peripheral device is
shut off or the RS-232 cable is removed, conserving system
power automatically, without changes to the hardware or
operating system. The ICL3217E powers up again when a
valid RS-232 voltage is applied to any receiver input.
Table 1 summarizes the features of the devices represented
by this data sheet, while application Note AN9863
summarizes the features of each device comprising the
ICL32XXE 3V family.
Features
• Pb-Free Available as an Option (see Ordering Info)
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• 5V Lower Power Replacement for MAX207E, HIN207E,
HIN237E
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• RS-232 Compatible with VCC = 2.7V
• Automatic Powerdown (ICC = 1µA, ICL3217E Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
Applications
• Battery Powered, Hand-Held, and Portable Equipment
• Laptop Computers, Notebooks, Palmtops
• Modems, Printers and other Peripherals
• ISDN Terminal Adaptors and Set Top Boxes
• Related Literature
- Technical Brief TB363, Guidelines for Handling and
Processing Moisture Sensitive Surface Mount
Devices (SMDs)
Pinout
ICL3207E, ICL3217E (SOIC, SSOP)
TOP VIEW
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1-
T4OUT
R2OUT
T5IN
T5OUT
T4IN
R3OUT
V-
C2-
C2+
R2IN
T3IN
R3IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
TX
NO. OF
RX
NO. OF MONITOR
RX (ROUTB)
DATA RATE
(kbps)
RX ENABLE
FUNCTION?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3207E
5
3
0
250
NO
NO
NO
ICL3217E
5
3
0
250
NO
NO
YES
Data Sheet
June 2004


Similar Part No. - ICL3217EIAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3217EIAZ RENESAS-ICL3217EIAZ Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217EIAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com