Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2323DS-T1-GE3 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SI2323DS-T1-GE3
Description  P-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2323DS-T1-GE3 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SI2323DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2323DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 4.5 V
V
GS = 10 V thru 5 V
V
GS = 3 V
0
0.0
0.04
0.06
0.08
0
10
20
30
40
50
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 6 V
V
GS = 10 V
0
2
4
6
8
10
0
5
10
15
20
25
Q
g - Total Gate Charge (nC)
V
DS = 24 V
V
DS = 15 V
V
DS = 8 V
I
D = 5.4 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
0.5
1
1.5
2
0
0.6
1.2
1.8
2.4
3
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
450
900
1350
1800
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 5.4 A
V
GS = 10 V, 6 V
V
GS = 4.5 V
2
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2323DS-T1-GE3
3


Similar Part No. - SI2323DS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2323DS-T1-GE3 VISHAY-SI2323DS-T1-GE3 Datasheet
197Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
More results

Similar Description - SI2323DS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com