Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8957701-YX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5962-8957701-YX
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-8957701-YX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5962-8957701-YX Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962-8957701-YX Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
BCRTM-10
NAME
TYPE
ACTIVE
DESCRIPTION
TAO
14
L2
TO
TAZ
13
K3
TO
TBO
18
K6
TO
--
--
--
TBZ
17
L4
TO
--
BIPHASE OUTPUTS
Transmit Channel A One. This is the Manchester-encoded
true output to be connected to the Channel A bus transmitter
input. This signal is idle low.
Transmit Channel A Zero. This is the Manchester-encoded
complementary output to be connected to the Channel A bus
transmitter input. This signal is idle low.
Transmit Channel B One. This is the Manchester-
encoded true output to be connected to the Channel B bus
transmitter input. This signal is idle low.
Transmit Channel B Zero. This is the Manchester-encoded
complementary output to be connected to the Channel B bus
transmitter input. This signal is idle low.
PIN NUMBER
LCC
PGA
56
A10
ZL
57
67
58
A9
B5
B8
AL
AL
ZL
TTO
TI
TO
TTO
NAME
TYPE
ACTIVE
DESCRIPTION
DMA SIGNALS
55
B9
TO
AL
BURST
74
A1
TO
AH
DMA Request. The BCRTM issues this signal when access to
RAM is required. It goes inactive after receiving a DMAG
signal.
DMAR
DMAG
DMAGO
DMACK
TSCTL
DMA Grant Out. If DMAG is received but not needed, it
passes through to this output.
DMA Acknowledge. The BCRTM asserts this signal to confirm
receipt of DMAG, it stays low until memory access is complete.
PIN NUMBER
LCC
PGA
DMA Grant. This input to the BCRTM allows the
BCRT to access RAM. It is recognized 45ns before the rising
edge of MCLKD2.
Three-State Control. This signal indicates when the
BCRTM is actually accessing memory. The host subsystem’s
address and data lines must be in the high-impedance state when
the signals active. This signal assists in placing the external data
and address buffers into the high-impedance state.
Burst (DMA Cycle). This indicates that the current
DMA cycle transfers at least two words; worst case is five words
plus a “dummy” word.


Similar Part No. - 5962-8957701-YX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-89570 HP-5962-89570 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
5962-89570 BOARDCOM-5962-89570 Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
5962-89571 HP-5962-89571 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
5962-89571 BOARDCOM-5962-89571 Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
5962-89572 HP-5962-89572 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com