Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26150 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ26150
Description  BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ26150 Datasheet HTML 5Page - Texas Instruments BQ26150 Datasheet HTML 6Page - Texas Instruments BQ26150 Datasheet HTML 7Page - Texas Instruments BQ26150 Datasheet HTML 8Page - Texas Instruments BQ26150 Datasheet HTML 9Page - Texas Instruments BQ26150 Datasheet HTML 10Page - Texas Instruments BQ26150 Datasheet HTML 11Page - Texas Instruments BQ26150 Datasheet HTML 12Page - Texas Instruments BQ26150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
x0
P14
x1
P13
x2
P12
x3
P11
x4
P10
x5
P9
x6
P8
x7
P7
x8
P6
x9
P5
x10
P4
x11
P3
x12
P2
x13
P1
x14
P0
x15
INPUT
(lsb first)
AV[15]
AV[14]
AV[13]
AV[12]
AV[11]
AV[10]
AV[9]
AV[8]
AV[0]
AV[1]
AV[2]
AV[3]
AV[4]
AV[5]
AV[6]
AV[7]
bq26150
SLUS641A – JANUARY 2005 – REVISED JULY 2005
Figure 3. bq26150 Programmable CRC Hardware Implementation
The generic polynomial used in the bq26150 can be written as:
1+P14x
1+P
13x
2+
12x
3+P
11x
4+P
10x
5+P
9x
6+P
8x
7+P
7x
8P
6x
9+P
5x
10+
4x
11+P
3x
12+P
2x
13+P
1x
14+P
0x
15+x16
Figure 3 shows the hardware implementation of the CRC, with the corresponding bits of the authentication value
shown below each stage of the shift register. This configuration assumes that the x0 term coefficient, which is
P15, is always 1, which was stated as an assumption of a normal CRC polynomial. This means that there are 2
15,
or 32768, possible CRC polynomial values. In actually, the number of possible CRC polynomial will be less than
32758 because some values, such as all 0, do not provide sufficient mixing of the results to be secure.
To authenticate a battery pack using the bq26150, the host must reproduce the CRC calculation in software. This
is done by reading the encrypted device ID and encrypted polynomial coefficients, and encrypted seed. All
values are decrypted by the host to provide the 16-bit polynomial, 16-bit seed, and 96 of the 128 bits of
calculation’s input. The CRC input is:
Device ID [95:0]
Random Challenge [31:0]
Input MSB
Input LSB
9


Similar Part No. - BQ26150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
BQ26100DRP TI-BQ26100DRP Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
BQ26100DRPR TI-BQ26100DRPR Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
BQ26100DRPR TI1-BQ26100DRPR Datasheet
955Kb / 29P
[Old version datasheet]   Based Security and Authentication IC
BQ26100DRPRG4 TI-BQ26100DRPRG4 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
More results

Similar Description - BQ26150

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703 Datasheet
238Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
[Old version datasheet]   Based Security and Authentication IC
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
Texas Instruments
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com