Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26150 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ26150
Description  BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26150 Datasheet(HTML) 3 Page - Texas Instruments

  BQ26150 Datasheet HTML 1Page - Texas Instruments BQ26150 Datasheet HTML 2Page - Texas Instruments BQ26150 Datasheet HTML 3Page - Texas Instruments BQ26150 Datasheet HTML 4Page - Texas Instruments BQ26150 Datasheet HTML 5Page - Texas Instruments BQ26150 Datasheet HTML 6Page - Texas Instruments BQ26150 Datasheet HTML 7Page - Texas Instruments BQ26150 Datasheet HTML 8Page - Texas Instruments BQ26150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
STANDARD SERIAL COMMUNICATION (HDQ) TIMING
BREAK
7 bit
ADDRESS
1 bit
R/W
8 bit
DATA
t(B)
t(BR)
(a) Break and Break Recovery Timing;
t(HW0)
t(HW1)
t(CYCH)
t(DW1)
t(DW0)
t(CYCD)
(b) Host Transmitted Bit Timing;
(c) bq26150 Transmitted Bit Timing;
t(RSPS)
(d) bq26150 to Host Response Timing
bq26150
SLUS641A – JANUARY 2005 – REVISED JULY 2005
over recommended operating temperature and supply voltage range (unless otherwise noted) See Figure 1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power up delay
Power capacitor charge time
100
ms
t(B)
Break timing
190
µs
t(BR)
Break recovery
40
µs
t(CYCH)
Host bit window
190
µs
t(HW1)
Host sends 1
0.5
50
µs
t(HW0)
Host sends 0
86
145
µs
t(RSPS)
bq26150 to host response
190
320
µs
t(CYCD)
bq26150 bit window
190
250
µs
t(DW1)
bq26150 sends 1
32
50
µs
t(DW0)
bq26150 sends 0
80
145
µs
Figure 1. HDQ Bit Timing Diagrams
3


Similar Part No. - BQ26150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
BQ26100DRP TI-BQ26100DRP Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
BQ26100DRPR TI-BQ26100DRPR Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
BQ26100DRPR TI1-BQ26100DRPR Datasheet
955Kb / 29P
[Old version datasheet]   Based Security and Authentication IC
BQ26100DRPRG4 TI-BQ26100DRPRG4 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
More results

Similar Description - BQ26150

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703 Datasheet
238Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
[Old version datasheet]   Based Security and Authentication IC
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
Texas Instruments
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com