Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1100 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMCS1100_V01 Datasheet HTML 3Page - Texas Instruments TMCS1100_V01 Datasheet HTML 4Page - Texas Instruments TMCS1100_V01 Datasheet HTML 5Page - Texas Instruments TMCS1100_V01 Datasheet HTML 6Page - Texas Instruments TMCS1100_V01 Datasheet HTML 7Page - Texas Instruments TMCS1100_V01 Datasheet HTML 8Page - Texas Instruments TMCS1100_V01 Datasheet HTML 9Page - Texas Instruments TMCS1100_V01 Datasheet HTML 10Page - Texas Instruments TMCS1100_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on the TMCS1100EVM. Use
these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input current (side 1)(1)
RθJA = 36.6°C/W, TJ = 150°C, TA = 25°C, see Figure 22
30
A
IS
Safety input, output, or supply current
(side 2)(1)
RθJA = 36.6°C/W, VI = 5 V, TJ = 150°C, TA = 25°C,
see Figure 23
0.68
PS
Safety input, output, or total power(1)
RθJA = 36.6°C/W, TJ = 150°C, TA = 25°C, see Figure 24
3.4
W
TS
Safety temperature(1)
150


Similar Part No. - TMCS1100_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A1QDRQ1 TI-TMCS1100A1QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A2 TI1-TMCS1100A2 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A2QDRQ1 TI-TMCS1100A2QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

Similar Description - TMCS1100_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
[Old version datasheet]   TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
[Old version datasheet]   TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
[Old version datasheet]   TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com