Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57031-24UK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA57031-24UK
Description  Micropower 150 mA, low-noise, low dropout linear regulator with on/off
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57031-24UK Datasheet(HTML) 2 Page - NXP Semiconductors

  SA57031-24UK Datasheet HTML 1Page - NXP Semiconductors SA57031-24UK Datasheet HTML 2Page - NXP Semiconductors SA57031-24UK Datasheet HTML 3Page - NXP Semiconductors SA57031-24UK Datasheet HTML 4Page - NXP Semiconductors SA57031-24UK Datasheet HTML 5Page - NXP Semiconductors SA57031-24UK Datasheet HTML 6Page - NXP Semiconductors SA57031-24UK Datasheet HTML 7Page - NXP Semiconductors SA57031-24UK Datasheet HTML 8Page - NXP Semiconductors SA57031-24UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product data
SA57031-XX
Micropower 150 mA, low-noise, low dropout linear
regulator with on/off
2
2003 Jun 23
853-2361 28634
GENERAL DESCRIPTION
The SA57031 is a 150 mA, fixed output voltage regulator designed
to provide very low dropout voltage and low noise in battery
powered and portable applications. The output voltage is preset to
voltages between 1.8 to 5.0 Volts, in 100 mV increments.
The SA57031 achieves excellent performance in all specifications
such as excellent power supply ripple rejection at low frequency, low
supply-current, low dropout voltage, low power consumption,
extremely small size with chip scaled package (CSP), extremely low
output noise voltage, very fast start-up response time, precision
output, fast dynamic response to line and load regulation, etc. This
regulator consists of an internal voltage reference, and current limit.
The SA57031 is housed in a WL-CSP4 package (see dimensional
drawing for layout).
Bottom View
FEATURES
Many Preset Output Voltages: 1.8 to 5.0 V in 0.1 V increments
Wafer-level chip scale package (WL-CSP4)
Extremely low PSRR: 80 dB typical at 1 kHz
Low Dropout Voltage: 100 mV (typ) @ 50 mA output current
Very Low Consumption Current: 100 mA typ. (when not loaded),
0.1 mA max. (when off)
High precision Output Voltage: ±2%
Output Current Capacity: 150 mA (typ)
Low Noise: 30mVrms @ 10 Hz to 100 kHz
Good Line Regulation: 0.01%/V typ.
Good Load Regulation: 0.003%/mA typ.
Low Temperature Drift Co-efficient to V
O: ±100 ppm/°C
Built-in Current Limiter
Wide Operating Temperature Range: –40 to +85 °C
APPLICATIONS
Cellular Phones, Cordless Phones and 2-way Radios
Electronic Notebooks, PDAs and Palmtop Computers
Cameras, VCRs and Camcorders
PCMCIA Cards
Modems
Battery-powered or Hand-held Instruments
SIMPLIFIED SYSTEM DIAGRAM (BOTTOM VIEW)
SL02001
B2
A1
B1
VO
GND
CO
CI
2.2
µF
ON
A2
VI
SA57031-XX
OFF
+
DC
2.0 V TO 6.0 V
RLOAD
V
Preset output voltages:
1.8 V to 5.0 V
(in 100 mV increments)
Figure 1. Simplified system diagram.


Similar Part No. - SA57031-24UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57031-24UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com