Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8957701ZX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5962-8957701ZX
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-8957701ZX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5962-8957701ZX Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962-8957701ZX Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
BCRTM-9
68
69
70
A6
A4
B4
TTO
TO
TTO
ZL
AL
ZL
NAME
TYPE
ACTIVE
DESCRIPTION
25
26
27
K7
J7
L8
TO
TO
TO
AL
AL
SSYSF
BCRTF
TEST
72
75
73
A2
B2
B3
TI
TO
TO
AH
AH
AL
STATUS SIGNALS
(RT)Timer On. This is a 760-microsecond fail-safe trans-
mitter enable timer. Started at the beginning of a transmis-
sion. TIMERON goes inactive 760 microseconds later or
is reset automatically with the receipt of a new command.
Use it in conjunction with CHA/B output to provide a fail
safe timer for channel A and B transmitters.
--
Standard Interrupt Level. This is a level interrupt. It is
asserted when one or more events enabled in either the
Standard Interrupt Enable Register, RT Descriptor, or BC
Command Block occur. Resetting the Standard Interrupt
bit in the High-Priority Interrupt Status/Reset Register
clears the interrupt.
STDINTL
STDINTP
Standard Interrupt Pulse. STDINTP pulses when an inter-
rupt is logged.
HPINT
High Priority Interrupt. The High-Priority Interrupt level
is asserted upon occurrence of events enabled in the High
Priority Interrupt Enable Register. The corresponding
bit(s) in the High-Priority Interrupt Status/Reset Register
reset HPINT.
TIMERON
COMSTR
CHA/B
Channel A/B. This indicates the active or last active
channel.
TEST. This pin is used as a factory test pin. (Formerly
MEMWIN.)
PIN NUMBER
LCC
PGA
(RT) Command Strobe. The BCRTM asserts this
signal after receiving a valid command. The BCRTM deac-
tivates it after servicing the command.
Subsystem Fail. Upon receipt, this signal propagates
directly to the RT 1553 status word and the BCRTM
Status Register.
BCRT Fail. this indicates a Built-In-Test (BIT) failure.
In the RT mode, the Terminal Flag bit in 1553 status word
is also set.
NAME
TYPE
ACTIVE
DESCRIPTION
BIPHASE INPUTS
RAO
16
K4
TI
RBO
20
L5
TI
RAZ
RBZ
15
19
L3
K5
TI
TI
--
--
--
--
PIN NUMBER
LCC
PGA
Receive Channel A One. This is the Manchester-en-coded
true signal input from Channel A of the bus receiver
Receive Channel A Zero. This is Manchester-encoded
complementary signal input from Channel A of the bus
receiver
Receive Channel B One. This is the Manchester-en-coded
true signal input from Channel B of the bus receiver.
Receive Channel B Zero. This is the Manchester-en-coded
complementary signal input from Channel B of the bus
receiver


Similar Part No. - 5962-8957701ZX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-89570 HP-5962-89570 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
5962-89570 BOARDCOM-5962-89570 Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
5962-89571 HP-5962-89571 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
5962-89571 BOARDCOM-5962-89571 Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
5962-89572 HP-5962-89572 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com