Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGL26050 Datasheet(PDF) 3 Page - Schneider Electric

Part # BGL26050
Description  PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL26050 Datasheet(HTML) 3 Page - Schneider Electric

  BGL26050 Datasheet HTML 1Page - Schneider Electric BGL26050 Datasheet HTML 2Page - Schneider Electric BGL26050 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3


Similar Part No. - BGL26050

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BGL26050LU SCHNEIDER-BGL26050LU Datasheet
104Kb / 3P
   Circuit breaker, PowerPact B, 50A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
More results

Similar Description - BGL26050

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BGP26050 SCHNEIDER-BGP26050 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26050 SCHNEIDER-BGM26050 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26035 SCHNEIDER-BGM26035 Datasheet
92Kb / 3P
   PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26045 SCHNEIDER-BGM26045 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 45A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26060 SCHNEIDER-BGM26060 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP26090 SCHNEIDER-BGP26090 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 90A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL26035 SCHNEIDER-BGL26035 Datasheet
105Kb / 3P
   PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL36050 SCHNEIDER-BGL36050 Datasheet
131Kb / 3P
   PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM46050 SCHNEIDER-BGM46050 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 50A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM36050 SCHNEIDER-BGM36050 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com