Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX45DF25I5 Datasheet(PDF) 40 Page - Altera Corporation

Part # EP2AGX45DF25I5
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 Datasheet(HTML) 40 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 36Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 37Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 38Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 39Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 40Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 41Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 42Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 43Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
1–32
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
December 2013
Altera Corporation
-3 dB Bandwidth
PCIe Gen1
2.5 - 3.5
MHz
PCIe Gen2
6 - 8
MHz
(OIF) CEI PHY at
4.976 Gbps
7 - 11
MHz
(OIF) CEI PHY at
6.375 Gbps
5 - 10
MHz
XAUI
2 - 4
MHz
SRIO 1.25 Gbps
3 - 5.5
MHz
SRIO 2.5 Gbps
3 - 5.5
MHz
SRIO 3.125 Gbps
2 - 4
MHz
GIGE
2.5 - 4.5
MHz
SONET OC12
1.5 - 2.5
MHz
SONET OC48
3.5 - 6
MHz
Transceiver-FPGA Fabric Interface
Interface speed
25
325
25
250
MHz
Digital reset pulse width
Minimum is two parallel clock cycles
Notes to Table 1–35:
(1) The 3x speed grade is the fastest speed grade offered in the following Arria II GZ devices: EP2AGZ225, EP2AGZ300, and EP2AGZ350.
(2) The rise and fall time transition is specified from 20% to 80%.
(3) To calculate the REFCLK rms phase jitter requirement at reference clock frequencies other than 100 MHz, use the following formula:
REFCLK rms phase jitter at f (MHz) = REFCLK rms phase jitter at 100 MHz * 100/f.
(4) The minimum reconfig_clk frequency is 2.5 MHz if the transceiver channel is configured in Transmitter only mode. The minimum
reconfig_clk
frequency is 37.5 MHz if the transceiver channel is configured in Receiver only or Receiver and Transmitter mode.
(5) If your design uses more than one dynamic reconfiguration controller (altgx_reconfig) instances to control the transceiver (altgx)
channels physically located on the same side of the device AND if you use different reconfig_clk sources for these altgx_reconfig
instances, the delta time between any two of these reconfig_clk sources becoming stable must not exceed the maximum specification listed.
(6) The device cannot tolerate prolonged operation at this absolute maximum.
(7) You must use the 1.1-V RX VICM setting if the input serial data standard is LVDS.
(8) The differential eye opening specification at the receiver input pins assumes that Receiver Equalization is disabled. If you enable Receiver
Equalization, the receiver circuitry can tolerate a lower minimum eye opening, depending on the equalization level. Use H-Spice simulation to
derive the minimum eye opening requirement with Receiver Equalization enabled.
(9) The rate matcher supports only up to
± 300 ppm.
(10) Time taken to rx_pll_locked goes high from rx_analogreset de-assertion. Refer to Figure 1–1 on page 1–33.
(11) Time for which the CDR must be kept in lock-to-reference mode after rx_pll_locked goes high and before rx_locktodata is asserted in
manual mode. Refer to Figure 1–1 on page 1–33.
(12) Time taken to recover valid data after the rx_locktodata signal is asserted in manual mode. Refer to Figure 1–1 on page 1–33.
(13) Time taken to recover valid data after the rx_freqlocked signal goes high in automatic mode. Refer to Figure 1–2 on page 1–33.
(14) A GPLL may be required to meet the PMA-FPGA fabric interface timing above certain data rates. For more information, refer to the Transceiver
Clocking for Arria II Devices chapter.
(15) The Quartus II software automatically selects the appropriate slew rate depending on the configured data rate or functional mode.
(16) To support data rates lower than the minimum specification through oversampling, use the CDR in LTR mode only.
Table 1–35. Transceiver Specifications for Arria II GZ Devices (Part 5 of 5)
Symbol/
Description
Conditions
–C3 and –I3 (1)
–C4 and –I4
Unit
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP2AGX45DF25I5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX45DF25I5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com