Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX45DF25I5 Datasheet(PDF) 20 Page - Altera Corporation

Part # EP2AGX45DF25I5
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 Datasheet(HTML) 20 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 16Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 17Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 18Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 19Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 20Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 21Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 22Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 23Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
1–12
Chapter 1: Device Datasheet for Arria II Devices
Electrical Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
December 2013
Altera Corporation
Use the following with Equation 1–1:
RSCAL is the OCT resistance value at power up.
T is the variation of temperature with respect to the temperature at power up.
V is the variation of voltage with respect to the VCCIO at power up.
dR/dT is the percentage change of RSCAL with temperature.
dR/dV is the percentage change of RSCAL with voltage.
Table 1–14 lists the OCT variation with temperature and voltage after power-up
calibration for Arria II GX devices.
Table 1–15 lists the OCT variation with temperature and voltage after power-up
calibration for Arria II GZ devices.
Pin Capacitance
Table 1–16 lists the pin capacitance for Arria II GX devices.
Table 1–14. OCT Variation after Power-up Calibration for Arria II GX Devices
Nominal Voltage VCCIO (V)
dR/dT (%/°C)
dR/dV (%/mV)
3.0
0.262
0.035
2.5
0.234
0.039
1.8
0.219
0.086
1.5
0.199
0.136
1.2
0.161
0.288
Table 1–15. OCT Variation after Power-Up Calibration for Arria II GZ Devices (Note 1)
Nominal Voltage, V
CCIO (V)
dR/dT (%/°C)
dR/dV (%/mV)
3.0
0.189
0.0297
2.5
0.208
0.0344
1.8
0.266
0.0499
1.5
0.273
0.0744
1.2
0.317
0.1241
Note to Table 1–15:
(1) Valid for VCCIO range of ±5% and temperature range of 0° to 85°C.
Table 1–16. Pin Capacitance for Arria II GX Devices
Symbol
Description
Typical
Unit
CIO
Input capacitance on I/O pins, dual-purpose pins (differential I/O, clock,
Rup, Rdn), and dedicated clock input pins
7pF


Similar Part No. - EP2AGX45DF25I5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX45DF25I5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com