Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX45DF25I5 Datasheet(PDF) 29 Page - Altera Corporation

Part # EP2AGX45DF25I5
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 25Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 26Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 27Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 28Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 29Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 30Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 31Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 32Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Switching Characteristics
This section provides performance characteristics of the Arria II GX and GZ core and periphery blocks for commercial grade
devices. The following tables are considered final and are based on actual silicon characterization and testing. These numbers
reflect the actual performance of the device under worst-case silicon process, voltage, and junction temperature conditions.
Transceiver Performance Specifications
Table 1–34 lists the Arria II GX transceiver specifications.
Table 1–34. Transceiver Specifications for Arria II GX Devices (Note 1) (Part 1 of 7)
Symbol/
Description
Condition
I3
C4
C5 and I5
C6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Reference Clock
Supported I/O
Standards
1.2-V PCML, 1.5-V PCML, 2.5-V PCML, Differential LVPECL, LVDS, and HCSL
Input frequency
from REFCLK
input pins
50
622.08
50
622.08
50
622.08
50
622.08
MHz
Input frequency
from PLD input
50
200
50
200
50
200
50
200
MHz
Absolute VMAX
for a REFCLK pin
2.2
2.2
2.2
2.2
V
Absolute VMIN for
a REFCLK pin
–0.3
–0.3
–0.3
–0.3
V
Rise/fall time (2)
0.2
0.2
0.2
0.2
UI
Duty cycle
45
55
45
55
45
55
45
55
%
Peak-to-peak
differential input
voltage
200
2000
200
2000
200
2000
200
2000
mV
Spread-spectrum
modulating clock
frequency
PCIe
30
33
30
33
30
33
30
33
kHz


Similar Part No. - EP2AGX45DF25I5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX45DF25I5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com