Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57031-34UK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA57031-34UK
Description  Micropower 150 mA, low-noise, low dropout linear regulator with on/off
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57031-34UK Datasheet(HTML) 5 Page - NXP Semiconductors

  SA57031-34UK Datasheet HTML 1Page - NXP Semiconductors SA57031-34UK Datasheet HTML 2Page - NXP Semiconductors SA57031-34UK Datasheet HTML 3Page - NXP Semiconductors SA57031-34UK Datasheet HTML 4Page - NXP Semiconductors SA57031-34UK Datasheet HTML 5Page - NXP Semiconductors SA57031-34UK Datasheet HTML 6Page - NXP Semiconductors SA57031-34UK Datasheet HTML 7Page - NXP Semiconductors SA57031-34UK Datasheet HTML 8Page - NXP Semiconductors SA57031-34UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product data
SA57031-XX
Micropower 150 mA, low-noise, low dropout linear
regulator with on/off
2003 Jun 23
5
TYPICAL PERFORMANCE CURVES
Shown for the SA57031-28UK only; Tamb = 25 °C; VI = VO + 1 V; VOn/Off = VI; Cin = 2.2 µF, CO = 2.2 µF unless otherwise specified
SL01970
INPUT VOLTAGE VI(V)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
12345
6
IO = 1mA
IO = 100 mA
IO = 30 mA
Figure 3. Output voltage versus input voltage.
SL01971
INPUT VOLTAGE VI(V)
0
5
10
15
20
25
30
35
40
45
50
0
12345
6
Figure 4. No-load input current versus input voltage.
SL01972
INPUT VOLTAGE VI(V)
–1
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
3
3.5
4.0
4.5
5.0
5.5
6.0
IO = 30 mA
Figure 5. Line regulation versus input voltage.
SL01973
OUTPUT CURRENT IO(mA)
–150
–100
–50
0
50
100
150
0
50
100
150
Figure 6. Load regulation versus load current.
SL01974
OUTPUT CURRENT IO(mA)
0
0.1
0.2
0.3
0.4
0
50
100
150
VI = 2.6 V, IO = 10 mA
Figure 7. Dropout voltage versus output current.
SL01975
OUTPUT CURRENT IO(mA)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
VI = 3.8 V
VI = 5.0 V
VI = 6.0 V
Figure 8. Current limit versus output current.


Similar Part No. - SA57031-34UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57031-34UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com