Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC220C5PTAV Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SC220C5PTAV
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220C5PTAV Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SC220C5PTAV Datasheet HTML 1Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 2Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 3Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 4Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 5Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 6Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 7Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 8Page - Zarlink Semiconductor Inc SC220C5PTAV Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
4
Rev. 4.5 – February
1999
1.2
Pin Assignment (Preliminary)
Note:
#
Active low signal
Input
Input signal
I-ST
Input signal with Schmitt-Trigger
Output
Output signal (Tri-State driver)
Out-OD
Output signal with Open-Drain driver
I/O-TS
Input & Output signal with Tri-State driver
I/O-OD
Input & Output signal with Open-Drain driver
5VT
Input with 5V Tolerance
Pin No(s).
Symbol
Type
Name & Functions
XpressFlow Bus Interface
122,121,119,118, 116
S_D[31:27] /
P_C[0:4]
CMOS I/O-TS XpressFlow Bus – Data Bit [31:28]
or
Processor Interface Configuration Bit
[0:4]
114,113,111,109,108,
106,105,104,103,101,
100,98,97,96,95,93,92,
90,89,88,87,85,84,82,
80,79,77
S_D[26:0]
CMOS I/O-TS XpressFlow Bus – Data Bit [27:0]
71
S_MSGEN#
CMOS I/O-TS XpressFlow Bus – Message Envelope
69
S_EOF#
CMOS I/O-TS XpressFlow Bus – End of Frame
72
S_IRDY
CMOS I/O-TS XpressFlow Bus – Initiator Ready
70
S_TABT#
CMOS I/O-OD XpressFlow Bus – Target Abort
123
S_HPREQ#
CMOS I/O-OD XpressFlow Bus – High Priority Request
140,138,135,133,131,
129,126,124
S_REQ[8:1]#
CMOS Input ** XpressFlow Bus – Bus Request [8:1]
141,139,137,134,132,
130,128,125
S_GNT[8:1]#
CMOS Output XpressFlow Bus – Bus Grant [8:1]
73
S_OVLD#
CMOS Output XpressFlow Bus – Bus Overload
75
S_CLK
CMOS Input
XpressFlow Bus – Clock


Similar Part No. - SC220C5PTAV

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
   20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
   Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220C5PTAV

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
   EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
   Packet Routing Switch
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
   ETHERNET OVER VDSL CHIPSET
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
   Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
logo
ATMEL Corporation
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
   Routing&Socket card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com