Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC220I0BTAV001 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SC220I0BTAV001
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220I0BTAV001 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SC220I0BTAV001 Datasheet HTML 6Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 7Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 8Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 9Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 10Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 11Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 12Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 13Page - Zarlink Semiconductor Inc SC220I0BTAV001 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
9
Rev. 4.5 – February
1999
1.5
Pin Reference Table: (256 Pin PQFP& 256-BGA)
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1
L_A[13]
65
TEST
129
S_REQ[3]#
193
P_RDY#
2
L_A[14]
66
VSS
130
S_GNT[3]#
194
P_BS16#
3
L_A[15]
67
L_CLK
131
S_REQ[4]#
195
P_CS#
4
VSS
68
VDD
132
S_GNT[4]#
196
P_ADS#
5
L_A[16]
69
S_EOF#
133
S_REQ[5]#
197
VDD
6
L_A[17]
70
S_TABT#
134
S_GNT[5]#
198
P_A[1]
7
VDD
71
S_MSGEN#
135
S_REQ[6]#
199
P_A[2]
8
L_A[18]
72
S_IRDY
136
VSS
200
VSS
9
L_A[19] / L_OE[3]#
73
S_OVLD#
137
S_GNT[6]#
201
P_A[3]
10
L_WE[1]#
74
VSS
138
S_REQ[7]#
202
P_A[4]
11
L_OE[1]#
75
S_CLK
139
S_GNT[7]#
203
P_A[5]
12
L_BWE[3]#
76
VDD
140
S_REQ[8]#
204
P_A[6]
13
L_BWE[2]#
77
S_D[0]
141
S_GNT[8]#
205
P_A[7]
14
L_BWE[1]#
78
VDD (Core)
142
P_D[0]
206
VDD (Core)
15
L_BWE[0]#
79
S_D[1]
143
P_D[1]
207
P_A[8]
16
L_ADSC#
80
S_D[2]
144
VDD
208
P_A[9]
17
VSS
81
VSS (Core)
145
P_D[2]
209
VSS (Core)
18
L_WE[0]#
82
S_D[3]
146
P_D[3]
210
P_A[10]
19
L_OE[0]#
83
VSS
147
VSS
211
P_A[11]
20
VDD
84
S_D[4]
148
P_D[4]
212
21
L_D[0]
85
S_D[5]
149
P_D[5]
213
VSS
22
L_D[1]
86
VDD
150
P_D[6]
214
C_D[15]
23
L_D[2]
87
S_D[6]
151
P_D[7]
215
C_D[14]
24
L_D[3]
88
S_D[7]
152
VDD
216
VDD
25
L_D[4]
89
S_D[8]
153
P_D[8]
217
C_D[13]
26
L_D[5]
90
S_D[9]
154
P_D[9]
218
C_D[12]
27
L_D[6]
91
VSS
155
VSS
219
C_D[11]
28
VSS
92
S_D[10]
156
P _D[10]
220
C_D[10]
29
L_D[7]
93
S_D[11]
157
P_D[11]
221
C_D[9]
30
L_D[8]
94
VDD
158
VSS (Core)
222
C_D[8]
31
VDD
95
S_D[12]
159
P_D[12]
223
C_D[7]
32
VDD (Core)
96
S_D[13]
160
P_D[13]
224
VSS
33
L_D[9]
97
S_D[14]
161
VDD (Core)
225
C_D[6]
34
L_D[10]
98
S_D[15]
162
VDD
226
C_D[5]
35
VSS (Core)
99
VSS
163
P_D[14]
227
VDD
36
L_D[11]
100
S_D[16]
164
P_D[15]
228
C_D[4]
37
L_D[12]
101
S_D[17]
165
VSS
229
C_D[3]
38
L_D[13]
102
VDD
166
P_D[16]
230
C_D[2]
39
L_D[14]
103
S_D[18]
167
P_D[17]
231
C_D[1]
40
L_D[15]
104
S_D[19]
168
P_D[18]
232
C_D[0]
41
VSS
105
S_D[20]
169
P_D[19]
233
C_EC#
42
L_D[16]
106
S_D[21]
170
VDD
234
C_CM#
43
L_D[17]
107
VSS
171
P_D[20]
235
VSS
44
VDD
108
S_D[22]
172
P_D[21]
236
C_FF#
45
L_D[18]
109
S_D[23]
173
VSS
237
C_MF#
46
L_D[19]
110
VDD
174
P_D[22]
238
VDD
47
L_D[20]
111
S_D[24]
175
P_D[23]
239
C_WE#
48
L_D[21]
112
VSS (Core)
176
P_D[24]
240
VSS (Core)
49
L_D[22]
113
S_D[25]
177
P_D[25]
241
C_CE#
50
L_D[23]
114
S_D[26]
178
VDD
242
L_WE[3]
51
L_D[24]
115
VDD (Core)
179
P_D[26]
243
VDD (Core)
52
VSS
116
S_D[27]
180
P_D[27]
244
L_A[2] / P_C[0]
53
L_D[25]
117
VSS
181
VSS
245
L_A[3] / P_C[1]
54
L_D[26]
118
S_D[28]
182
P_D[28]
246
L_A[4] / P_C[2]
55
VDD
119
S_D[29]
183
P_D[29]
247
L_A[5] / P_C[3]
56
L_D[27]
120
VDD
184
P_D[30]
248
L_A[6]
57
L_D[28]
121
S_D[30]
185
P_D[31]
249
VSS
58
L_D[29]
122
S_D[31]
186
VDD
250
L_A[7]
59
L_D[30]
123
S_HPREQ#
187
P_CLK
251
L_A[8]
60
L_D[31]
124
S_REQ[1]#
188
VSS
252
VDD
61
VSS
125
S_GNT[1]#
189
P_RSTIN#
253
L_A[9]
62
L_WE[2]#
126
S_REQ[2]#
190
P_RSTOUT
254
L_A[10]
63
L_OE[2]#
127
VSS
191
P_RWC
255
L_A[11]
64
128
S_GNT[2]#
192
P_INT
256
L_A[12]


Similar Part No. - SC220I0BTAV001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
   20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
   Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220I0BTAV001

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
   EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
   Packet Routing Switch
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
   ETHERNET OVER VDSL CHIPSET
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
   Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
logo
ATMEL Corporation
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
   Routing&Socket card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com