Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC220C5BTAV001 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SC220C5BTAV001
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220C5BTAV001 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SC220C5BTAV001 Datasheet HTML 2Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 3Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 4Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 5Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 6Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 7Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 8Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 9Page - Zarlink Semiconductor Inc SC220C5BTAV001 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
5
Rev. 4.5 – February
1999
Pin No(s).
Symbol
Type
Name & Functions
XpressFlow Bus Interface
185,184,183,182,180,
179,177,176,175,174,
172,171,169,168,167,
166,164,163,160,159,
157,156,154,153,151,
150,149,148,146,145,
143,142
P_D[31:0]
TTL I/O-TS
(5VT)
Management Bus – Data Bit [31:0]
211,210,208,207,205,
204,203,202,201,199,
198
P_A[11:1]
TTL Input
(5VT)
Management Bus – Address Bit [11:1]
196
P_ADS#
TTL Input
(5VT)
Management Bus – Address Strobe
191
P_RWC
TTL Input
(5VT)
Management Bus – Read/Write Control
183
P_RDY#
CMOS Out-
OD
Management Bus – Data Ready
184
P_BS16#
CMOS Out-
OD
Management Bus – 16 bit Data Bus
185
P_CS#
TTL Input
(5VT)
Management Bus – Chip Select
189
P_RSTIN#
TTL In-ST
(5VT)
System RESET Input
190
P_RSTOUT
CMOS Output CPU RESET Output
192
P_INT
CMOS Output Management Bus – Interrupt Request
187
P_CLK
TTL Input
(5VT)
CPU Clock
Control Buffer Memory Interface
60,59,58,57,56,54,53,51,
50,49,48,47,46,45,43,42,
40,39,38,37,36,34,33,30,
29,27,26,25,24,23,22,21,
L_D[31:0]
TTL I/O-TS
Local Memory Bus – Data Bit [31:0]
8,6,5,3,2,1,256,255,254,
253,251,250,248,247,
246,245,244
L_A[18:2]
CMOS Output Local Memory Bus – Address Bit [17:2]
9
L_A[19] /
L_OE[3]#
CMOS Output Local Memory Bus – Address Bit [19:18]
or Memory Read Chip Select [3]
63, 11, 19
L_OE[2:0]#
CMOS Output Local Memory Bus- Read Chip Select
[2:0]
242, 62, 10, 18
L_WE[3:0]#,
CMOS Output Local Memory Bus – Write Chip Select
[3:0]
12,13,14,15
L_BWE[3:0]#
CMOS Output Local Memory Bus – Byte Write Enable
[3:0]
16
L_ADSC#
CMOS Output Local Memory Bus – Controller Address
Status
66
L_CLK
CMOS Output Local Memory Bus – Synchronous Clock


Similar Part No. - SC220C5BTAV001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
   20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
   Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220C5BTAV001

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
   EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
   Packet Routing Switch
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
   ETHERNET OVER VDSL CHIPSET
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
   Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
logo
ATMEL Corporation
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
   Routing&Socket card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com