Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


FM350-ALN Datasheet(PDF) 2 Page - Formosa MS

Part No. FM350-ALN
Description  Chip Schottky Barrier Diodes - Silicon epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FORMOSA [Formosa MS]
Homepage  http://www.formosams.com
Logo 

   
 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (FM320-ALN THRU FM3100-ALN)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
40
20
60
100
80
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM120-M-RChip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
FM520Chip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
SL13-MLow VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
FM120-NChip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
FM520-BChip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
FM5817-LChip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
SL22-LLow VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
FM120-SChip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
FM5820-A80UChip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS
SL22-MLow VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type 1 2 Formosa MS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl