Electronic Components Datasheet Search |
|
FM5822-A Datasheet(PDF) 1 Page - Formosa MS |
|
FM5822-A Datasheet(HTML) 1 Page - Formosa MS |
1 / 2 page FM5822-A Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant EpoxyMolding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. Mechanical data Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Weight : 0.0015 ounce, 0.15 gr am MAXIMUM RATINGS (AT TA=25 oC unless otherwise noted) PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT Forward rectified current See Fig.1 IO 3.0 A IF = 1 A , TA = 25 oC VF 0.42 V IF = 2 A , TA = 25 oC VF 0.49 V IF = 1 A , TA = 125 oC VF 0.34 V IF = 2 A , TA = 125 oC VF 0.43 V Forward surge current 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) IFSM 80 A peak reverse voltage VRRM 40 V RMS voltage VRMS 28 V Continuous reverse voltage VR 40 V VR = VRRM TA = 25 oC 0.5 mA VR = VRRM TA = 125 oC 20 mA Thermal resistance Junction to ambient RqJA 80 oC / w Diode junction capacitance f=1MHz and applied 4vDC reverse voltage CJ 250 pF Operating temperature TJ -55 +150 oC Storage temperature TSTG -55 +150 oC Reverse current IR Forward voltage Chip Schottky Barrier Diodes Silicon epitaxial planer type Formosa MS 0.185(4.8) 0.173(4.4) 0.012(0.3) Typ. 0.110(2.8) 0.094(2.4) 0.165(4.2) 0.150(3.8) 0.067(1.7) 0.060(1.5) 0.040 (1.0) Typ. 0.040(1.0) Typ. Dimensions in inches and (millimeters) SMA |
Similar Part No. - FM5822-A |
|
Similar Description - FM5822-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |