Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8957701QYXC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5962-8957701QYXC
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-8957701QYXC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 5962-8957701QYXC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-8957701QYXC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
BCRTM-6
A0
34
B11
TTB
Bit 0 (LSB) of the Address bus
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
35
36
37
38
39
40
41
44
45
46
47
C11
D10
D11
F11
E10
E11
E9
G11
G10
G9
H11
TTB
TTB
TTB
Bit 1 of the Address bus
Bit 2 of the Address bus
Bit 3 of the Address bus
Bit 4 of the Address bus
Bit 5 of the Address bus
Bit 6 of the Address bus
Bit 7 of the Address bus
Bit 8 of the Address bus
Bit 9 of the Address bus
Bit 10 of the Address bus
Bit 11 of the Address bus
48
H10
A13
A14
49
50
J11
K11
TTO
TTO
TTO
NAME
PIN NUMBER
LCC
PGA
TYPE
ACTIVE
DESCRIPTION
A15
51
J10
TTB
TTO
TTO
TTO
TTO
TTO
TTO
TTO
TTO
Bit 12 of the Address bus
Bit 13 of the Address bus
Bit 14 of the Address bus
Bit 15 (MSB) of the Address bus
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Legend for TYPE and ACTIVE fields:
TUI = TTL input (pull-up)
AL = Active low
AH = Active high
ZL = Active low - inactive state is high impedance
TI = TTL input
TO = TTL output
TTO = Three-state TTL output
TTB = Bidirectional
Notes:
1. Address and data buses are in the high-impedance state when idle.
2. Flatpack pin numbers are same as LCC.


Similar Part No. - 5962-8957701QYXC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-89570 HP-5962-89570 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
5962-89570 BOARDCOM-5962-89570 Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
5962-89571 HP-5962-89571 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
5962-89571 BOARDCOM-5962-89571 Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
5962-89572 HP-5962-89572 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com