Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD160G032A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD160G032A
Description  160 x 32 Dots Graphic LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD160G032A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD160G032A Datasheet HTML 1Page - Vishay Siliconix LCD160G032A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
107
LCD-160G032A
Vishay
Document Number: 37278
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
160 x 32 Dots Graphic LCD
FEATURES
• Available for external oscilation 2KHz
• Epson-SED 1520, or equivalent
• 1/32 duty cycle
• N.V. optional for + 3V power supply
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
85.2 x 55.0
mm
Viewing Area
72.0 x 22.0
mm
Mounting Hole
80.2 x 46.7
mm
Dot Pitch
0.44 x 0.61
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.52
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5V
4.5
5.0
5.5
V
Supply Current
IDD
VDD = 5V
1.0
1.4
mA
Recommended LC Driving
- 2
5.8
6.0
6.2
Voltage for Normal Temp.
VDD-V0
25
°C
5.3
5.5
5.7
V
Version Module
+ 7
4.8
5.0
5.2
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
180
360
mA
EL Power Supply Current
IEL
Vel = 110VAC; 400Hz
5.0
mA


Similar Part No. - LCD160G032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD160G128B VISHAY-LCD160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD160G160A VISHAY-LCD160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD160G160B VISHAY-LCD160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD160G032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G032A VISHAY-LCD-160G032A_08 Datasheet
109Kb / 3P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG160160A ETC-WG160160A Datasheet
55Kb / 1P
   LCD MODULE GRAPHIC 160 x 160 DOTS
logo
Vishay Siliconix
LCD-160G128B VISHAY-LCD-160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128C VISHAY-LCD-160G128C Datasheet
112Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B_08 Datasheet
111Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com