Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75172B Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC75172B
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC75172B Datasheet HTML 3Page - ON Semiconductor MC75172B Datasheet HTML 4Page - ON Semiconductor MC75172B Datasheet HTML 5Page - ON Semiconductor MC75172B Datasheet HTML 6Page - ON Semiconductor MC75172B Datasheet HTML 7Page - ON Semiconductor MC75172B Datasheet HTML 8Page - ON Semiconductor MC75172B Datasheet HTML 9Page - ON Semiconductor MC75172B Datasheet HTML 10Page - ON Semiconductor MC75172B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC75172B MC75174B
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. Output Leakage Current
versus Output Voltage
Figure 14. Output Leakage Current
versus Temperature
Figure 15. Input Current
versus Input Voltage
Figure 16. Short Circuit Current
versus Common Mode Voltage
9.0
0.5
–25
4.5
Vin, INPUT VOLTAGE (V)
– 0.5
3.5
2.5
1.5
–150
Vz, APPLIED OUTPUT VOLTAGE (V)
–7.0
–3.0
5.5
5.0
12
1.0
Normally Low Output
Enable
Pins
Driver
Inputs
4.75
p VCC p 5.25 V
TA = 25°C
5.0
0
– 5.0
–15
–10
–30
0
30
90
–20
150
Normally High Output
–90
Vout = +12 V
–20
85
20
10
–15
Vout = 7.0 V
–10
0
–20
2.0
Vz, APPLIED OUTPUT VOLTAGE (V)
–1.0
0
1.0
–7.0
–2.0
1.0
–3.0
5.0
9.0
12
–40
En = Low, En = High
or VCC = 0 V
5.0
15
0
TA = 25°C
En = Low, En = High
20
–5.0
60
TA = 25°C
4.75
p VCC p 5.25 V
TA, AMBIENT TEMPERATURE (°C)
40


Similar Part No. - MC75172B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172BDW ONSEMI-MC75172BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75172BDW ONSEMI-MC75172BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172BDW MOTOROLA-MC75172BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
More results

Similar Description - MC75172B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com