Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75174 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC75174
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC75174 Datasheet HTML 4Page - ON Semiconductor MC75174 Datasheet HTML 5Page - ON Semiconductor MC75174 Datasheet HTML 6Page - ON Semiconductor MC75174 Datasheet HTML 7Page - ON Semiconductor MC75174 Datasheet HTML 8Page - ON Semiconductor MC75174 Datasheet HTML 9Page - ON Semiconductor MC75174 Datasheet HTML 10Page - ON Semiconductor MC75174 Datasheet HTML 11Page - ON Semiconductor MC75174 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC75172B MC75174B
11
MOTOROLA ANALOG IC DEVICE DATA
Comparing System Requirements
Characteristic
Symbol
EIA–485
EIA–422–A
V.11 and X.27
GENERATOR (DRIVER)
Output Impedance (Note 1)
Zout
Not Specified
t100 Ω
50 10 100
Open Circuit Voltage
Differential
Single–Ended
VOCD
VOCS
1.5 to 6.0 V
t6.0 V
p6.0 V
p6.0 V
p6.0 V, w/3.9 kΩ, Load
p6.0 V, w/3.9 kΩ, Load
Loaded Differential Voltage
VOD
1.5 to 5.0 V, w/54
Ω load
q2.0 V or q 0.5
VOCD, w/100 Ω load
q2.0 V or q 0.5 VOCD,
w/100
Ω load
Differential Voltage Balance
∆VOD
t200 mV
p400 mV
t400 mV
Output Common Mode Range
VCM
–7.0 to +12 V
Not Specified
Not Specified
Offset Voltage
VOS
–1.0
t VOS t 3.0 V
p3.0 V
p3.0 V
Offset Voltage Balance
∆VOS
t200 mV
p400 mV
t400 mV
Short Circuit Current
IOS
p250 mA for –7.0 to
12 V
p150 mA to ground
p150 mA to ground
Leakage Current (VCC = 0)
IOLK
Not Specified
p100 µA to –0.25 V
thru 6.0 V
p100 µA to ± 0.25 V
Output Rise/Fall Time (Note 2)
tr, tf
p0.3 TB, w/54 Ω/1150 pF
load
p0.1 TB or p 20 ns,
w/100
Ω load
p0.1 TB or p 20 ns,
w/100
Ω load
RECEIVER
Input Sensitivity
Vth
± 200 mV
± 200 mV
± 300 mV
Input Bias Voltage
Vbias
p3.0 V
p3.0 V
p3.0 V
Input Common Mode Range
Vcm
–7.0 to 12 V
–7.0 to 7.0 V
–7.0 to 7.0 V
Dynamic Input Impedance
Rin
Spec number of U.L.
q4 kΩ
q4 kΩ
NOTES: 1. Compliance with V.11 and X.27 (Blue book) output impedance requires external resistors in series with the outputs of the MC75172B and MC75174B.
2. TB = Bit time.
Additional Information
Copies of the EIA Recommendations (EIA–485 and EIA–422–A) can be obtained from the Electronics Industries Association,
Washington, D.C. (202–457–4966). Copies of the CCITT Recommendations (V.11 and X.27) can be obtained from the United
States Department of Commerce, Springfield, VA (703–487–4600).


Similar Part No. - MC75174

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174B ONSEMI-MC75174B Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDW ONSEMI-MC75174BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDW ONSEMI-MC75174BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BDW MOTOROLA-MC75174BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BDWG ONSEMI-MC75174BDWG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Similar Description - MC75174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com