Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC78L00A Datasheet(HTML) 6 Page - ON Semiconductor

Part No. MC78L00A
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC78L00A Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VI = 33 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0°C < TJ < +125°C, unless otherwise noted.)
MC78L24AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
23
24
25
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
27.5 Vdc
≤ VI ≤ 38 Vdc
28 Vdc
≤ VI ≤ 80 Vdc
27 Vdc
≤ VI ≤ 38 Vdc
Regline
50
60
300
350
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
40
20
200
100
mV
Output Voltage
(28 Vdc
≤ VI ≤ 38 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(27 Vdc
≤ VI ≤ 38 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(28 Vdc
≤ VI = 33 Vdc, 1.0 mA ≤ IO ≤ 70 mA)
(27 Vdc
≤ VI ≤ 33 Vdc, 1.0 mA ≤ IO ≤ 70 mA)
VO
22.8
22.8
25.2
25.2
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
3.1
6.5
6.0
mA
Input Bias Current Change
(28 Vdc
≤ VI ≤ 38 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
200
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 29 V
≤ VI ≤ 35 V, TJ = +25°C)
RR
31
45
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn