Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLI3303 Datasheet(PDF) 8 Page - International Rectifier

Part # IRLI3303
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI3303 Datasheet(HTML) 8 Page - International Rectifier

  IRLI3303 Datasheet HTML 1Page - International Rectifier IRLI3303 Datasheet HTML 2Page - International Rectifier IRLI3303 Datasheet HTML 3Page - International Rectifier IRLI3303 Datasheet HTML 4Page - International Rectifier IRLI3303 Datasheet HTML 5Page - International Rectifier IRLI3303 Datasheet HTML 6Page - International Rectifier IRLI3303 Datasheet HTML 7Page - International Rectifier IRLI3303 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLI3303
Package Outline
TO-220 FullPak Outline
Dimensions are shown in millimeters (inches)
TO-220 FullPak
Part Marking Information
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: (44) 0883 713215
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 3L1, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157,
61350 Bad Homburg Tel: 6172 37066 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: (39) 1145 10111 IR FAR EAST: K&H Bldg.,
2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo 171 Tel: (03)3983 0641 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan
Boon Liat Building, 0316 Tel: 65 221 8371
Data and specifications subject to change without notice.
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
NOTES:
1 DIMENSIONING & TOLERANCING
PER ANSI Y14.5M, 1982
2 CONTROLLING DIMENSION: INCH.
D
C
A
B
MINIMUM CREEPAGE
DISTANCE BETWEEN
A-B-C-D = 4.80 (.189)
3X
2.85 (.112)
2.65 (.104)
2.80 (.110)
2.60 (.102)
4.80 (.189)
4.60 (.181)
7.10 (.280)
6.70 (.263)
3.40 (.133)
3.10 (.123)
ø
- A -
3.70 (.145)
3.20 (.126)
1.15 (.045)
MIN.
3.30 (.130)
3.10 (.122)
- B -
0.90 (.035)
0.70 (.028)
3X
0.25 (.010)
M
A M
B
2.54 (.100)
2X
3X
13.70 (.540)
13.50 (.530)
16.00 (.630)
15.80 (.622)
1
2
3
10.60 (.417)
10.40 (.409)
1.40 (.055)
1.05 (.042)
0.48 (.019)
0.44 (.017)
PART NUMBER
INTERNATIONAL
RECTIFIER
LOGO
DATE CODE
(YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT
CODE
E401 9245
IRFI840G
EXAMPLE : THIS IS AN IRFI840G
WITH ASSEMBLY
LOT CODE E401
A


Similar Part No. - IRLI3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLI3103 IRF-IRLI3103 Datasheet
153Kb / 8P
   HEXFET Power MOSFET
IRLI3215PBF IRF-IRLI3215PBF Datasheet
222Kb / 8P
   Advanced Process Technology
IRLI3615 IRF-IRLI3615 Datasheet
100Kb / 8P
   HEXFET Power MOSFET
IRLI3615PBF IRF-IRLI3615PBF Datasheet
165Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLI3615PBF VBSEMI-IRLI3615PBF Datasheet
1Mb / 9P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - IRLI3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com